Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC45205 Datasheet(PDF) 37 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 32Page - Microchip Technology MIC45205 Datasheet HTML 33Page - Microchip Technology MIC45205 Datasheet HTML 34Page - Microchip Technology MIC45205 Datasheet HTML 35Page - Microchip Technology MIC45205 Datasheet HTML 36Page - Microchip Technology MIC45205 Datasheet HTML 37Page - Microchip Technology MIC45205 Datasheet HTML 38Page - Microchip Technology MIC45205 Datasheet HTML 39Page - Microchip Technology MIC45205 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 37
MIC45205
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC45205-1YMP-T1:
26V/6A DC/DC Power
Module, HyperLight Load,
–40°C to +125°C, 52-Lead
8 mm x 8 mm x 3 mm B1QFN,
100/Reel
b) MIC45205-1YMP-TR:
26V/6A DC/DC Power
Module, HyperLight Load,
–40°C to +125°C, 52-Lead
8 mm x 8 mm x 3 mm B1QFN,
1,500/Reel
c) MIC45205-2YMP-T1:
26V/6A DC/DC Power
Module, Hyper Speed Control,
–40°C to +125°C, 52-Lead
8 mm x 8 mm x 3 mm B1QFN,
100/Reel
d) MIC45205-2YMP-TR:
26V/6A DC/DC Power
Module, Hyper Speed Control,
–40°C to +125°C, 52-Lead
8 mm x 8 mm x 3 mm B1QFN,
1,500/Reel
PART NO.
XX
Package
Device
Device:
MIC45205:
26V/6A DC/DC Power Module
Features:
1
=
HyperLight Load
2
=
Hyper Speed Control
Temperature:
Y
=
–40°C to +125°C
Package:
MP =
52-Lead 8 mm x 8 mm x 3 mm B1QFN
Media Type:
T1 =
100/Reel
TR =
1,500/Reel
–X
X
Temperature
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com