Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 5 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 5 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
Evaluation Board for ATLS1A103D
ATLS1A103DEV1.0
restarts by itself and ramp up the output current by the soft
start circuitry, if the output current still goes beyond the
current limit, the controller shuts off again and repeat the
resetting process. The laser is thus protected from being
damaged by over current. The output current is a saw-tooth
shape signal under protection mode.
11.Modulate the output current by an external signal source.
This can be done by connecting the external signal source
to the LIS node, which is accessible by the LIS solder pad
or the LIS conductor on the terminal block TB1, both on
the left side of the board. Make sure:
A.The peak of the signal will not set the output current to
too high a value that may damage the laser diode, if a real
laser is connected to the output.
B.The current limit is set to a proper value, thus, the
controller will not be shut-off by the current limit circuit
because the output current exceeding the current limit.
C.The switch S1G is turned to the lower off position, thus,
the LIS pin will solely controlled by the external source
signal, not by the LIS1 node.
D. The control bandwidth of the LIS pin is around 2MHz,
that is: when inputting a pure square wave signal to the LIS
pin, the rise and fall time of the output current will be about
0.35/2MHz = 175nS (nano-second). Please be aware of this:
the output current should be seen on an oscilloscope by
probing the LIO pin. Probing LDA pin will see a distorted
version of the output current because the dummy load or a
real laser diode is a non-linear device and also has
capacitance between the 2 terminals, thus the voltage
waveform is not always proportional to the current
waveform.
12.Loop good indication. When the controller works perfectly,
i.e., the output current equals the set-point current set by
LIS pin, the LED on the lower right corner of the board will
be lit up. Otherwise, it will be dark when the power supply
is on and the controller is being shut off (turning the
shutdown switch S1H to upper position) or the output
voltage is beyond 4V at the current set by the LIS pin.
13.Monitor the internal temperature of the controller. The
controller internal temperature can be monitored by
measuring the TMPO pin voltage. The relationship between
the TMPO voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
TMPO
T
°
−
+
+
−
=
(1)
where TMPO is the voltage on the TMPO pin.
This formula can be approximated by a linear equation:
)
(
31
.
90
7
.
192
C
TMPO
T
°
×
−
=
(2)
Within the most commonly used temperature range of
between 0°C to 100°C, the maximum error occurs at about
1.5V, at which the temperature error between the calculated
data by using the formula (1) and the approximated data
obtained by using the linear equation (2) is about 0.4°C,
with the linear data being a little lower. The curves of the 2
sets of the data are plotted in Figure 8.
Please notice that the TMPO pin has a weak driving
capability: the maximum sourcing current is 1
μA and the
maximum sinking current is 40
μA.
The TMPO pin can also be used as an input control pin:
when forcing the TMPO voltage to below 0.4V, the laser
controller will be shutdown.
14.Connecting external ADCs (Analog to Digital Converters)
and DACs (Digital to Analog Converters). The ADCs can
be utilized for monitoring the analog voltages on certain
pins, such as LIO, TEMPO, LISSET, etc., and the DACs
can also be utilized for setting the LIS and/or LISLM pin
voltages. The voltage reference from the controller can be
used as the voltage reference for the ADCs and DACs.
15.Connecting a real laser diode to the evaluation board. After
making sure that the controller works properly by going
through the above steps, a real laser diode can be connected
to the evaluation board. This is the procedure:
A. Set the output current and the current limit to the values
desired by driving the dummy laser on the board as
described above. The current limit is usually set to the
1.1 times of the output current.
B. Solder the laser diode terminal wires to the LDA and
LDC solder pads, or use the LDA and LDC conductors
on the terminal block TB3 and lock the wires by using
the screws. Make sure that the connections are tight and
secure, no intermittent disconnection will occur.
C. Set the output forward voltage to 1.4V by switching
S1A, S1B, S1C and S1D to the upper on position. Turn
on the power supply, and see everything works perfectly
as described above.
D. Turn off the power, turn the switch S1A to the lower off
position and turn on the power again. After this moment,
be more careful in doing anything on the board, because
any mistake in operating the board or causing
intermittent disconnections for any connections on the
board may result in damaging the laser diode
permanently.
E. If everything still works fine after step D above, the user
can proceed to testing the laser itself. The output current
and current limit can be adjusted while the laser is
turned on, but make sure that the output current will
never exceed the laser’s current limit.
F. In case there are any suspicious or real problems,
disconnect the real laser and use the dummy laser for
debugging.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com