Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
Evaluation Board for ATLS1A103D
ATLS1A103DEV1.0
Low Noise Laser Driver ATLS1A103D
Evaluation Board Rev. 1.0
Figure 1. Physical Photo of ATLS1A103DEV1.0
FEATURES
Come with a dummy laser on the board.
Use the dummy laser to emulate expensive real laser first.
Allow setting the output current conveniently.
Evaluate the laser controllers (listed below) conveniently.
APPLICATIONS
Evaluate these laser drivers:
ATLS100MA103D, ATLS200MA103D, ATLS250MA103D,
ATLS500MA103D and ATLS1A103D; ATLS100MA104D,
ATLS250MA104D, ATLS500MA104D and ATLS1A104D;
ATLS250MA106D and ATLS500MA106D.
INTRODUCTION
The ATLS1A103D is an electronic module designed for
driving diode lasers with ultra low noise current and DIP
package. The output voltage range is from 1.5V to 4V when
powered by a 5V power supply.
This evaluation board, ATLS1A103DEV1.0, is designed for
evaluating ATLS1A103D laser driver module conveniently,
can also be used for evaluating ATLS100MA103D,
ATLS200MA103D, ATLS250MA103D, ATLS500MA103D,
and so on. It is recommended to read this application note with
the driver datasheet which provides more detail information
about the specifications and application guidance for the laser
driver module.
The main purpose of using the evaluation board is to let the
controller drive a voltage configurable unbreakable dummy
laser diode on the board to emulate users’ actual expensive
laser diode with a programmable current. After making sure
the controller works properly and all the features and the set-
values meet the requirements of the application, the users can
disconnect the dummy laser from the controller by turning a
switch and connect a real diode laser onto proper connections
of the board. The user will be able to set and monitor the
output current, read the controller’s temperature, monitor the
working status of the controller, etc.
BOARD DESCRIPTION
The ATLS1A103DEV1.0 Evaluation Board is consisted of a
complete application circuit for driving a laser diode. It can set
the output current, the output current limit, has an LED for
indicating the working status of the controller, has numerous
connection pads and terminal connectors for making
connections with external components and instruments. Its
physical photo of ATLS1A103DEV1.0 is shown in Figure 1.
The silkscreen layer of the evaluation board is shown in
Figure 2 with other top layers, including top silkscreen, top
copper, top solder mask, and multilayer (vias). Figure 3 only
shows the image of top silkscreen layer. There is no
component in the bottom side of the board, so that there is no
bottom silkscreen layer image.
Figure 2. Top Silkscreen Layer with Other Top Layers
There are solder pads on the left, top and the right edges of the
board. These pads can be used for connecting the external
instruments or components with and the connections can be
made by either soldering wires or clipping by alligator clips.
There are 3 terminal blocks also located on the left, top and
the right side of the board, their connectors are for the same
nodes of the solder pads. See the silkscreen image in Figure 3.


Similar Part No. - ATLS1A103DEV1.0

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
More results

Similar Description - ATLS1A103DEV1.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
Low Noise Evaluation Board
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
AK4204 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
AK4425A Evaluation Board Rev.0
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
AK4621 Evaluation board Rev.2
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
AK4705A Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
AK4712 Evaluation Board Rev.0
AK4115-A AKM-AK4115-A Datasheet
427Kb / 32P
Evaluation Board Rev.3
logo
Analog Technologies, In...
ATLS201DEV1.0 ANALOGTECHNOLOGIES-ATLS201DEV1.0 Datasheet
673Kb / 6P
Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
1/25/2022
ATLS202DEV1.0 ANALOGTECHNOLOGIES-ATLS202DEV1.0 Datasheet
748Kb / 6P
Constant Current Laser Driver ATLS202D Evaluation board Rev. 1.0
1/25/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com