Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS4A217D Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS4A217D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
APPLICATION INFORMATION
DC VOLTMETER
5.5V ~ 24V
POWER SUPPLY
VMOD(t)
DC VOLTMETER
LASER
DIODES
LED
ATLS4A217D
**CW : CLOCK-WISE
*SMPS : SWITCH MODEL POWER SUPPLY
LPGD
PCN
GND
2.5VR
LISL
LISH
TMO
LIO
SBDN
SYNO
VPS
PGND
LDC
LDA
LDA
LDC
PGND
VPS
10
4V
499
9
12
8
7
6
5
4
3
2
1
10
11
13
14
15
16
17
18
3kΩ
ON
OFF
10MΩ
LDA = 0.2VVPS ~ 0.8VVPS
RX
2.3V × 10M
VVPS – 2.3V
RX =
STANDBY
SMPS* FREQUENCY SYNCHRONIZATION INPUT
W1
W2
20k
20k
R1 100kΩ
C1
C2
S1(t)
S2(t)
R2 100kΩ
1206 X5R
100uF
100uF 6.3V
CW**
CW**
2.5V VREF
CASE
Figure 6. Stand-Alone Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com