Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS4A217D Datasheet(PDF) 9 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 9 Page - Analog Technologies, Inc.

Back Button ATLS4A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 13Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
9
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
pulling it down to the ground. The pull-up current can be
increased by connecting an external pull-up resistor between
LPGD and VPS. Tie this added additional pull up resistor to
a 3.3V or 5V power supply if they are available. Make sure
that the pull up current is not too high, otherwise, the internal
open drain FET cannot pull-down the LPGD pin low enough
to turn off the LED.
The laser diodes are connected between LDA and LDC pins. It
is worth mentioning that the power supply return terminal
should be connected to the pin 12 PGND.
Figure 8. Digitally Controlled Analog Modulation Principle
Minimizing the Output Noise
The ATLS4A217 has extremely low output noise; care must
be taken in using this laser driver to achieve this lower noise
performance. One of the noise sources is the beating
frequency interference from other power mode electronics,
such as another laser driver, TEC (Thermo-Electric Cooler)
controller, or power supply. There are 2 ways to avoid the
frequency beating: set the switching frequencies of other
electronics to be far away from the switching frequency of
the laser driver, 700kHz, or synchronize the other
electronics switching with this laser driver. For this purpose,
there is a SYNO pin, which can be used by other electronics
as the switching trigger signal.
The driver can be turned on and off by setting the SDN pin
high and low respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver on VPS pin, turn on the driver by
releasing the SDN pin.
To turn off: turn off the driver by lowering the voltage of
SDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SDN pin: leave it unconnected
and turn on and off the driver by the power supply.
Adjusting the Output Current
The output current is set by adjusting W1, which sets input
voltages of LISL and LISH, pin 6 and 7. See Figure 6. The
output current will be:
IOUT (A) = 1.6
×VLISL or 1.6× VLISH (A).
LIS can also be set by using a DAC to replace the W1 in
Figure 6. Make sure that the DAC has low output noise.
Monitoring the Output Current
The output current of the driver can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-driver based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal and is
proportional to the output current:
IOUT (A) =1.6
× VLIO (A).
For example, when the output signal is 2.5V, the output
current is 4A.
LIO can be used to drive an ADC directly, and also be
measured by a multi-meter.
Driver Power Consumption
The best way for arranging the heat sinking for the driver is
as follows: transferring the heat by sandwiching a piece of
thermal conductive pad between the top metal surface of the
laser driver and the internal metal surface of the final
product as shown in Figure 9.1 and 9.2 below. The
recommended thickness of the thermal conductive pad in
Figure 9.1 is 1~4mm, and in Figure 9.2 is 0.5mm. ATI also
provides a series of thermal conductive pads, click here for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com