Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS500MA103 Datasheet(PDF) 5 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 5 Page - Analog Technologies, Inc.

  ATLS500MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
Power Supply 5V
Power Supply 0V
To ADC
To ADC
1
2
D1
Laser Diode
1
2
D2
LED
Loop Good Indication
SBDN
1
GND
2
2.5VR
3
LIMS
4
LIS
5
LIO
6
VPS 12
PGND 11
LDC
10
LDA 9
TMPO 8
LPGD 7
ATLS500MATF
3
W1
20K
3
W2
20K
C1
1uFto 10uF
Current Set (Clock-wise)
Current Limit Set (Clock-Wise)
1
2
R1 100K
1
2
3
S1
SPDT
To Microcontroller
Digital Modulation Signal Input
Figure 5. Low Noise Digital Modulation Circuit
The LIO can still be used to monitor the output current
when the LIS is modulated. The bandwidth of the LIO
signal is up to 9.17MHz, more than enough for monitoring
output current modulated by the LIS signal.
Monitoring the Output Current
The output current of the controller can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-controller based system where the ADC is
available and monitoring the current in real time is
required. This pin provides a very low noise voltage signal
which is proportional to the output current:
LIO (V) = IOUT
×5(V).
For example, when the output signal equals to 2.5V, the
output current is 500mA.
The output impedance of this pin is 10
Ω and it can be used
to drive an ADC directly.
It can also be measured by a multimeter during debugging
process.
Figure 6 below shows the relations among LIS, LIMS and
IOUT
Figure 6. LIO is Controlled by LIS and Clamped by LIMS
When the output current set by LIS is less than the current
limit set by LIMS, the actual output current IOUT changes
with LIS linearly; when output current set by LIS exceeds
the current limit set by LIMS, IOUT will be clamped to the
value set by the LIMS, see Figure 6.
Monitoring the Controller Internal Temperature
The controller internal temperature can be monitored by
measuring the TMPO pin voltage. The relationship
between the LMPO voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
TMPO
T
°
−
+
+
−
=
(1)
where TMPO is the voltage on the TMPO pin.
This formula can be approximated by a linear equation:
)
(
31
.
90
7
.
192
C
TMPO
T
°
×
−
=
(2)
Within the most commonly used temperature range of
between 0
°C to 100°C, the maximum error occurs at about
1.5V, at which the temperature error between the
ATLS250MA106
ATLS500MA106



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com