Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS500MA103 Datasheet(PDF) 8 Page - Analog Technologies, Inc.

Part # ATLS500MA103
Description  Low Noise Constant Current Laser Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103 Datasheet(HTML) 8 Page - Analog Technologies, Inc.

Back Button ATLS500MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS500MA103 Datasheet HTML 11Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
8
Analog Technologies
ATLS500MA106
Low Noise Constant Current Laser Controller
As shown in Figure 10, when a square wave of 0.1V~2.5V,
f = 100Hz, is applied to LIS, measure the waveform of LIO.
The rise and fall time should be about 1.5µs, the equivalent
bandwidth can be calculated by:
f = 0.35/trise = 0.35/1.5µs = 200kHz.
The above two methods can be applied to test if the
bandwidth is 200kHz.
In practice, the small signal bandwidth is usually much
higher than the large signal bandwidth.
3
3.5
4
4.5
5
5.5
1
1.5
2
2.5
3
3.5
4
IOUT=500mA
IOUT=400mA
IOUT=300mA
VLDA(V)
VVPS=5V
Figure 12. 1. VLDA vs. Output Current Noise@0.1Hz~10Hz
3
3.5
4
4.5
5
5.5
200
300
400
500
600
VLDA=3.6V
VLDA=2V
IOUT (mA)
VVPS=5V
Figure 12. 2. IOUT vs. Output Current Noise@0.1Hz~10Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com