Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51-E/MS Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 42Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 43Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 44Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 45Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 46Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 47Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 48Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 49Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 47
MCP6V5X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6V5X: 45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
E
= -40C to+125C (Extended)
Package:
OT
=
5-Lead Plastic Small Outline Transistor (SOT-23)
MS
=
8-Lead Plastic Micro Small Outline Package,
3x3 mm Body (MSOP)
SN
=
8-Lead Plastic Small Outline, Narrow, 3.90 mm
Body (SOIC)
SL
=
14-Lead Plastic Small Outline, Narrow, 3.90 mm
Body (SOIC)
Examples:
a)
MCP6V51T-E/OT:
5-Lead SOT-23 package,
Tape and Reel
b)
MCP6V51-E/MS:
8-Lead MSOP package
c)
MCP6V51T-E/MS: 8-Lead MSOP package,
Tape and Reel
d)
MCP6V52-E/MS:
8-Lead MSOP package
e)
MCP6V52T-E/MS: 8-Lead MSOP package,
Tape and Reel
f)
MCP6V52-E/SN:
8-Lead SOIC package
g)
MCP6V52T-E/SN:
8-Lead SOIC package,
Tape and Reel
h)
MCP6V54-E/SL:
14-Lead SOIC package
i)
MCP6V54T-E/SL:
14-Lead SOIC package,
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com