Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLAS3257A/D Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS3257A/D
Description  Mux / Demux Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3257A/D Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS3257A/D Datasheet HTML 1Page - ON Semiconductor NLAS3257A/D Datasheet HTML 2Page - ON Semiconductor NLAS3257A/D Datasheet HTML 3Page - ON Semiconductor NLAS3257A/D Datasheet HTML 4Page - ON Semiconductor NLAS3257A/D Datasheet HTML 5Page - ON Semiconductor NLAS3257A/D Datasheet HTML 6Page - ON Semiconductor NLAS3257A/D Datasheet HTML 7Page - ON Semiconductor NLAS3257A/D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2018
December, 2018 − Rev. 1
1
Publication Order Number:
NLAS3257A/D
NLAS3257A
Mux / Demux Analog Switch
The NLAS3257A Mux / Demux Analog Switch is an advanced
high−speed single pole double throw (SPDT) analog switch in
ultra−small footprint.
Features
• High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
• RON: 7.5 W, Typ @ VCC = 4.2 V
• CON: 7.5 pF, Typ @ VCC = 3.3 V
• VCC Range: 1.65 V to 4.5 V
• Ultra−Small 1 x 1 mm Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Mobile Phones, PDAs, Camera
Figure 1. UDFN6
(Top View)
Figure 2. Logic Diagram
B1
S
B0
A
16
25
34
S
VCC
A
B0
GND
B1
Function Table
Input S
Function
L
A = B0
H
A = B1
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
www.onsemi.com
UDFN6
1.0 x 1.0
CASE 517EC
AG = Specific Device Code
M
= Date Code
AGM
1
1


Similar Part No. - NLAS3257A/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results

Similar Description - NLAS3257A/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
Single Buffered Mux/Demux Switch
REV. 0
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com