Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLAS3257A/D Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS3257A/D
Description  Mux / Demux Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3257A/D Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS3257A/D Datasheet HTML 1Page - ON Semiconductor NLAS3257A/D Datasheet HTML 2Page - ON Semiconductor NLAS3257A/D Datasheet HTML 3Page - ON Semiconductor NLAS3257A/D Datasheet HTML 4Page - ON Semiconductor NLAS3257A/D Datasheet HTML 5Page - ON Semiconductor NLAS3257A/D Datasheet HTML 6Page - ON Semiconductor NLAS3257A/D Datasheet HTML 7Page - ON Semiconductor NLAS3257A/D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLAS3257A
www.onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS (Typical: T = 25°C, VCC = 3.3 V)
Symbol
Parameter
Test Conditions
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
VIH
Control Input, High Voltage
(S Pin)
2.7
3.3
4.2
0.95
1.0
1.25
V
VIL
Control Input, Low Voltage
(S Pin)
2.7
3.3
4.2
0.3
0.4
0.5
V
IIN
Control Input, Leakage
Current (S Pin)
0 ≤ VIN ≤ VCC
1.65 − 4.5
±0.5
±1.0
mA
IB0/B1_OFF
Off State Leakage Current
(B0/B1 Pins)
VIN = VIL or VIH
VB0 and VB1 = 0.3 V
VA = 4 V
4.5
±20
±100
nA
IA_ON
On State Leakage Current
(A Pin)
VIN = VIL or VIH
VB0 = 0.3 V or 4 V with
VB1 = Floating
or
VB1 = 0.3 V or 4 V with
VB0 = Floating
VA = 0.3 V or 4.0 V
4.5
±20
±100
nA
IPower_OFF
Power Off Leakage
Current (S Pin)
VIN = 0 or 4.5 V
0
±100
nA
ICC
Quiescent Supply Current
(VCC Pin)
VIN = VCC or GND,
VIS = VCC or GND,
ILoad = 0 A
1.65 − 4.5
0.1
1.0
mA
DICC
Additional Quiescent
Supply Current (VCC Pin)
VIN = VCC or GND,
VIS = VCC or GND,
ILoad = 0 A
3.3
4.2
2.0
3.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 4. ON RESISTANCE (Typical: T = 25°C)
Symbol
Parameter
Test Conditions
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
RON
ON−Resistance
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
9.3
8.7
7.5
W
RFLAT
ON−Resistance Flatness
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
3.6
3.3
2.9
W
DRON
Delta ON− Resistance
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
0.8
0.7
0.5
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com