Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

451 Datasheet(PDF) 9 Page - 3M Electronics

Part # 451
Description  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

451 Datasheet(HTML) 9 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
9 of 9
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of
a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is
solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method
of application.
Warranty, Limited Remedy, and Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product packaging
or product literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M ships the
product.  3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED
WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.  If the 3M Product does not
conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the
purchase price. 
Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether
direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty, contract, negligence or
strict liability.
Unless otherwise noted, references to industry specifications are intended to indicate substantial compliance
to the material elements of the specification. Such references should not be construed as a guarantee of
compliance to all requirements in a given specification.
Regulatory: For regulatory information about this product, visit 3M.com/regs
Technical Information: The technical information, recommendations and other statements contained in this document are based upon
tests or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
3M is a trademark of 3M Company.
Please recycle.
©3M 2022. All rights reserved.
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com