Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

451 Datasheet(PDF) 2 Page - 3M Electronics

Part # 451
Description  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

451 Datasheet(HTML) 2 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
2 of 9
1. Scope
2. Related Documents
78-5100-2436-3
Customer drawing: 3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series
78-5100-2437-1
Customer drawing: 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
78-5100-2396-9
Customer drawing: 3M™ Wire-to-Board system, 1.27mm (.050"), 450 Series Mated
White Paper
Report: 3M™ Wire-to-Board system, 450 Series Signal Integrity Report
78-9101-8937-8
Instruction Guide: 3M™ Locator Plate 3443-82-XX, Metal
Instruction Guide for the assembly of 3M™ Ribbon Cable Sockets, 451 Series
78-9102-1086-9
Instruction Guide: 3M™ Locator Plate 3443-81-XX, 3D Printed
Instruction Guide for the assembly of 3M™ Ribbon Cable Sockets, 451 Series
4. Requirements Overview
Temperature range (EIA): -65°C to +125°C
Insulation resistance: >1 x10
9 Ω at 500 VDC
Current per EIA-364-70:
Connectors with 4- 30 current carrying poles:
0.75A, All contacts powered
1.50A, 6 contacts powered
Rating conditions: EIA-364-070 Method 2, 30°C maximum temperature rise.
Connectors with 32 - 50 current carrying poles:
0.75A, All contacts powered
1.50A, 6 contacts powered
Rating conditions: EIA-364-070 Method 2, 30°C maximum temperature rise.
Agency Listings:
Underwriters Laboratories (UL): File No. E68080
UL Ratings (4-50 current carrying poles)
Temperature:
130 °C
Voltage:
125 Vac/Vdc
Current:
1.0 A
CUL Ratings (4 - 30 current carrying poles)
Temperature:
130 °C
Voltage:
125 Vac/Vdc
Current:
1.0 A
CUL Ratings (32- 50 current carrying poles)
Temperature:
130 °C
Voltage:
125 Vac/Vdc
Current:
0.75 A
4.1 Ratings
Voltage: 125Vdc/ac(peak)
This document summarizes test methods, test conditions and product performance requirements for the 3M™ Ribbon
Cable Wiremount Socket Assembly, 451 Series and the 3M™ Shrouded Boardmount Header Latch and Eject, 452
Series. Listings of materials, finishes, test conditions, and test standards are included. In the event of conflict between
this specification and any documents listed below, the listed documentation supersedes this specification.
3. Performance and Test Description
Unless otherwise specified, all tests shall be performed on 3M™ Ribbon Cable Wiremount Socket Assembly, 451
Series 45150-01XX-30 and 45150-01XX-00 mated to 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
45250-XX02-30 and 45250-XX02-00 using 3M™ Round Conductor Flat Cable 3754/50 at ambient environmental
conditions per EIA-364. Unless otherwise specified, all values and limits are typical of those obtained by qualification
testing of the subject product. All specifications are subject to revision and change without notice from 3M.
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com