Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 11Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 12Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 9 of 178
Apr 15, 2022
Communication
function
Serial peripheral
interface (RSPIA)
• 1 channel
• RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
• Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
Transit/receive data can be swapped in byte units
• Buffered structure
The transmission and reception sections have 4-stage and 32-bit-wide FIFO buffers for
the sequential transmission and reception of data.
• RSPCK can be stopped with the receive buffer full for master reception.
• Event linking by the ELC
• Communications protocol: RSPIA supports the Texas Instruments Synchronous Serial
Protocol (TI SSP).
Quad-SPI memory
interface (QSPIX)
• 1 channel
• This interface can handle fetching from serial flash memory that has an SPI-compatible
interface.
• It supports extended SPI, dual-SPI, and quad-SPI protocols.
• Address width is selectable from among 8, 16, 24, and 32 bits.
Remote control signal
receiver (REMCa)
• 1 channel
• Four pattern matching (header, data 0, data 1, and special data detection)
• 8-byte receive buffer per unit
• The operating clock can be selected from among the PCLK, sub-clock, and TMR.
Serial sound interface (SSIE)
• 1 channel
• Full-duplex transmission
• Various types of serial audio formatting are supported.
• Master and slave operations are supported.
• The bit-clock frequency is selectable from among 13 frequencies (1/1, 1/2, 1/4, 1/6, 1/8,
1/12, 1/16, 1/24, 1/32, 1/48, 1/64, 1/96, or 1/128).
• Data formats with 8, 16, 18, 20, 22, 24, and 32 bits are supported.
• 32-stage FIFO buffers for transmission and reception
• Stopping or not stopping the SSILRCK signal on stopping of data transmission is
selectable.
SD host interface (SDHI)*2
• 1 channel
• Transfer speed: Supports high-speed mode (25 MB/s) and default speed mode (12.5 MB/s)
• One interface for SD memory and I/O cards (supporting 1- and 4-bit SD buses)
• SD specifications
Part 1: Physical Layer Specification Ver. 3.01 compliant (DDR not supported)
Part E1: SDIO Specification Ver. 3.00
• Error checking: CRC7 for commands and CRC16 for data
• Interrupt requests: Card access interrupt, SDIO access interrupt, card detection
interrupt, SD buffer access interrupt
• DMA transfer requests: SD_BUF write and SD_BUF read
• Support for card detection and write protection
Table 1.1
Outline of Specifications (8/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com