Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/G2UL Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 31Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 32Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 33Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 34Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 35Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 36Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 37Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 38Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 35 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (11/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
L1
P1_2/ET0_TXD0/
RSPI0_MISO/
CAN0_RX/
MTIC5U
ET0_TXD0/
CAN0_RX
ET0_TXD0/
CAN0_RX
ET0_TXD0/
CAN0_RX
Ethernet PHY_0 (KSZ9131RNXC)
Carrier Board Connector, connected
to CAN0 connector (CN15)
P144
CAN0_RX
L2
P1_3/ET0_TXD1/
RSPI0_SSL/
CAN0_TX_
DATARATE_EN/
MTIC5V
ET0_TXD1/P1_3
ET0_TXD1/P1_3
ET0_TXD1/P1_3
Ethernet PHY_0 (KSZ9131RNXC)
Carrier Board Connector, connected
to PMOD0 connector (J1)
P114
GPIO6
K1
P1_4/ET0_TXD2/
CAN0_RX_
DATARATE_EN/
MTIC5W
ET0_TXD2/P1_4
ET0_TXD2/P1_4
ET0_TXD2/P1_4
Ethernet PHY_0 (KSZ9131RNXC)
Carrier Board Connector,connected
to PMOD0 connector (J1)
P115
GPIO7
K2
P2_0/ET0_TXD3/
SSI0_BCK/
CAN1_TX/
MTCLKA
ET0_TXD3/
CAN1_TX
ET0_TXD3/
CAN1_TX
ET0_TXD3/
CAN1_TX
Ethernet PHY_0 (KSZ9131RNXC)
Carrier Board Connector, connected
to CAN1 connector (CN16)
P145
CAN1_TX
AD3
P5_0/
USB0_VBUSEN/
SCIF2_TXD/
MTIOC7A
USB0_VBUSEN
USB0_VBUSEN
USB0_VBUSEN
Enables power to the USB0 port
Carrier Board Connector, include
gate USB0_VBUSEN state
P62
USB0_EN_
OC#
AC3
P5_1/
SCIF2_RXD/
MTIOC7B/
ADC_TRG/
SCI0_CTS#/
RTS#/
RSPI0_SSL/IRQ2
IRQ2
IRQ2
IRQ2
Ethernet PHY_0 (KSZ9131RNXC),
used as an intrupt signal
Carrier Board Connector, connected
to PMOD1 connector (J2)
P118
GPIO10
AE3
P5_2/
USB0_OVRCUR/
SCIF2_SCK/
MTIOC7C/
SSI2_BCK
USB0_OVRCUR
USB0_OVRCUR
USB0_OVRCUR
Active low input when USB0 is over-
current
Carrier Board Connector, include
gate USB0_OVRCUR state
P62
USB0_EN_
OC#
AD2
P5_3/
USB0_OTG_ID/
SCIF2_CTS#/
MTIOC7D/
SSI2_RCK/
USB1_VBUSEN
USB0_OTG_ID
USB0_OTG_ID
USB0_OTG_ID
OTG identification input
Carrier Board Connector, connected
to microUSB Type-AB connector
(CN11)
P64
USB0_OTG_
ID
AB3
P5_4/
USB0_OTG_
EXICEN/
SCIF2_RTS#/
SSI2_DATA/
USB1_OVRCUR
USB1_OVRCUR
USB1_OVRCUR
USB1_OVRCUR
Active low input when USB1 is over-
current
Carrier Board Connector, include
gate USB1_OVRCUR state
P67
USB1_EN_
OC#
AD1
P6_0/
USB1_VBUSEN/
RSPI2_CK/
CAN_CLK/
SCIF2_TXD/
MTIOC7A
USB1_VBUSEN
USB1_VBUSEN
USB1_VBUSEN
Enables power to the USB1 port
Carrier Board Connector, include
gate USB1_VBUSEN state
P67
USB1_EN_
OC#
AE2
P6_1/
USB1_OVRCUR/
RSPI2_MOSI/
CAN0_TX/
SCIF2_RXD/
MTIOC7B
SD1_PWR_SEL
SD1_PWR_SEL
SD1_PWR_SEL
Input controlling SD1_PVDD power
level
High: 3.3V, Low: 1.8V
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com