Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/G2UL Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 34Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 35Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 36Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 37Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 38Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 39Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 40Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 41Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 38 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (14/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
Y15
PLL5_DVDD11
PLL5_DVDD11
PLL5_DVDD11
NC
1.1V
Note:
Unused in case of RZ/Five
—
—
F11
PLL6_AVDD18
PLL6_AVDD18
PLL6_AVDD18
PLL6_AVDD18
1.8V
—
—
W2
PRST#
PRST#
PRST#
PRST#
Connected to PMIC, used as
NRESET function
—
—
C19
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
F13
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
F19
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
F9
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
W6
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
Y10
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
Y18
PVDD
PVDD
PVDD
PVDD
3.3V
—
—
A7
QSPI_RESET#
QSPI_RESET#
QSPI_RESET#
QSPI_RESET#
Octa Flash (IC2)
—
—
A6
QSPI_WP#
QSPI_WP#
QSPI_WP#
QSPI_WP#
Unused
Note: In case of RZ/Five,
this pin is used as
WDTOVF_PERROUT
#. Mounted a resistor
(R79) for WDTOVF
option and connected
to a logic IC for using
NRESET function of
PMIC, but the WDT
function is not
available at this time.
—
—
C7
QSPI0_IO0
QSPI0_IO0
QSPI0_IO0
QSPI0_IO0
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
A5
QSPI0_IO1
QSPI0_IO1
QSPI0_IO1
QSPI0_IO1
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
B7
QSPI0_IO2
QSPI0_IO2
QSPI0_IO2
QSPI0_IO2
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
C6
QSPI0_IO3
QSPI0_IO3
QSPI0_IO3
QSPI0_IO3
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
B6
QSPI0_SPCLK
QSPI0_SPCLK
QSPI0_SPCLK
QSPI0_SPCLK
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
B5
QSPI0_SSL
QSPI0_SSL
QSPI0_SSL
QSPI0_SSL
QSPI Flash (IC9) or OctaFlash (IC2)
and OctaRAM (IC3)
—
—
B19
RIIC0_SCL
RIIC0_SCL
RIIC0_SCL
RIIC0_SCL
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
S1
I2C_CAM_
CK
B20
RIIC0_SDA
RIIC0_SDA
RIIC0_SDA
RIIC0_SDA
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
S2
I2C_CAM_
DAT
A19
RIIC1_SCL
RIIC1_SCL
RIIC1_SCL
RIIC1_SCL
Connected to 45pin FFC/FPC
connector
Carrier Board Connector, connected
to PMOD1 connector (J2) and Audio
Codec (IC2)
S48
I2C_GP_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com