Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACUSB-U2R Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # PACUSB-U2R
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U2R Datasheet(HTML) 4 Page - California Micro Devices Corp

  PACUSB-U2R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com 05/01/06
PACUSB-U1/U2/U3
Specifications (con’t)
Note 1: ESD applied to input/output/V3.3 pins with respect to GND, one at a time. Clamping voltage is measured at the opposite side
of the EMI filter to the ESD pin (i.e., if ESD is applied to pin 1, then clamping voltage is measured at pin 6). Unused pins are
open.
Note 2: These parameters guaranteed by design.
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R1
Resistance R1 (PACUSB-U1 only)
Measured at TA = 25°C
12
15
18
Ω
R1
Resistance R1 (PACUSB-U2 only)
Measured at TA = 25°C
26
33
40
Ω
R1
Resistance R1 (PACUSB-U3 only)
Measured at TA = 25°C
18
22
26
Ω
R2
Resistance R2
Measured at TA = 25°C
1.2
1.5
1.8
k
Ω
C1
Capacitance C1
Measured at 1 MHz, 2.5VDC,
TA =25°C
38
47
56
pF
ILEAK
Diode Leakage Current to GND
At 3.3VDC and TA = 25°C
1
100
nA
VD1
Diode Reverse-biased Stand-off
Voltage
I = 10
μA,TA = 25°C
5.5
V
VD2
Signal Clamp Voltage
Positive Clamp
Negative Clamp
@ 10mA, TA = 25°C
@ 10mA, TA = 25°C
5.6
-1.2
6.8
-0.8
8.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
Human Body Model, MIL-STD-883,
Method 3015
IEC 61000-4-2, contact discharge
method (I/O pins)
IEC 61000-4-2, contact discharge
method (V3.3 pin)
Notes 1,2
Notes 1,2
Notes 1,2
±30
±15
±25
kV
kV
kV
VCLAMP
Clamping Voltage during ESD
Discharge
Positive
Negative
MIL-STD-883, Method 3015, 8kV;
Notes 1,2
10
-5
V
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com