Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACUSB-U2R Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACUSB-U2R
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U2R Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACUSB-U2R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/01/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com
5
PACUSB-U1/U2/U3
Application Information
The PACUSB-U1/U2/U3 is targeted for upstream USB
ports (peripherals). It provides series termination, EMI
filtering, and ESD protection for the two USB data lines
D+ and D-.
The USB Specification revision 1.1 provides for two
data rates:
•
The Full Speed signaling bit rate at 12 Mbits per
second, and
•
The Low Speed signaling bit rate at 1.5 Mbits per
second.
The speed is selected by connecting one of the data
lines (D+ or D-) to a 3.3V supply voltage via a 1.5k
Ω
pull-up resistor (R2).
Connections for Full Speed Operation
Full Speed devices have the pull-up resistor (R2) con-
nected to the D+ data line, as shown in Figure 1. Pin1
is tied to the D+ line of the USB controller. Pin 6 is con-
nected to the D+ line on the USB connector.
Connections for Low Speed Operation
Low Speed devices have the pull-up resistor (R2) con-
nected to the D- data line, as shown in Figure 2. Pin 1
is tied to the D- line of the USB controller; pin 6 is con-
nected to the D- line on the USB connector.
Figure 1. Full Speed Connection
Figure 2. Low Speed Connection
USB
CONNECTOR
Vcc
SC70-6
R1
GND
IN1
OUT 1
OUT 2
IN2
1
2
3
C1
C1
R1
R2
6
5
4
D1_i
GND
D2_i
D2_c
D1_c
V3.3
USB
CONTROLLER
3.3V
D+
D-
D+
D-
GND
PACUSB-Ux
USB
CONNECTOR
Vcc
SC70-6
R1
GND
IN1
OUT 1
OUT 2
IN2
1
2
3
C1
C1
R1
R2
6
5
4
D1_i
GND
D2_i
D2_c
D1_c
V3.3
USB
CONTROLLER
3.3V
D-
D+
D-
D+
GND
PACUSB-Ux



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com