Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32C3 Datasheet(PDF) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
3
Functional Description
3. Functional Description
This chapter describes the functions of ESP32-C3.
3.1 CPU and Memory
3.1.1 CPU
ESP32-C3 has a low-power 32-bit RISC-V single-core microprocessor with the following features:
• four-stage pipeline that supports a clock frequency of up to 160 MHz
• RV32IMC ISA
• 32-bit multiplier and 32-bit divider
• up to 32 vectored interrupts at seven priority levels
• up to 8 hardware breakpoints/watchpoints
• up to 16 PMP regions
• JTAG for debugging
3.1.2 Internal Memory
ESP32-C3’s internal memory includes:
•
384 KB of ROM: for booting and core functions.
•
400 KB of on­chip SRAM: for data and instructions, running at a configurable frequency of up to 160
MHz. Of the 400 KB SRAM, 16 KB is configured for cache.
•
RTC FAST memory: 8 KB of SRAM that can be accessed by the main CPU. It can retain data in
Deep-sleep mode.
•
4 Kbit of eFuse: 1792 bits are reserved for your data, such as encryption key and device ID.
•
Embedded flash : See details in Chapter 1 ESP32-C3 Series Comparison.
3.1.3 External Flash
ESP32-C3 supports SPI, Dual SPI, Quad SPI, and QPI interfaces that allow connection to multiple external
flash.
CPU’s instruction memory space and read-only data memory space can map into external flash of ESP32-C3,
whose size can be 16 MB at most. ESP32-C3 supports hardware encryption/decryption based on XTS-AES to
protect developers’ programs and data in flash.
Through high-speed caches, ESP32-C3 can support at a time up to:
• 8 MB of instruction memory space which can map into flash as individual blocks of 64 KB. 8-bit, 16-bit and
32-bit reads are supported.
• 8 MB of data memory space which can map into flash as individual blocks of 64 KB. 8-bit, 16-bit and
32-bit reads are supported.
Note:
After ESP32-C3 is initialized, software can customize the mapping of external flash into the CPU address space.
Espressif Systems
16
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com