Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14531 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 64Page - Dialog Semiconductor DA14531 Datasheet HTML 65Page - Dialog Semiconductor DA14531 Datasheet HTML 66Page - Dialog Semiconductor DA14531 Datasheet HTML 67Page - Dialog Semiconductor DA14531 Datasheet HTML 68Page - Dialog Semiconductor DA14531 Datasheet HTML 69Page - Dialog Semiconductor DA14531 Datasheet HTML 70Page - Dialog Semiconductor DA14531 Datasheet HTML 71Page - Dialog Semiconductor DA14531 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
68 of 374
© 2020 Dialog Semiconductor
The HW reset can also be automatically activated when the system wakes up from the Extended or
Deep Sleep mode by programming the bit PMU_CTRL_REG[RESET_ON_WAKEUP]. The POR and
the HW reset basically run the cold start-up sequence and the BootROM code is executed.
The SW reset is the logical OR of a signal from the Cortex CPU (triggered by writing SCB->AIRCR =
0x05FA0004) and the SYS_CTRL_REG[SW_RESET] bit. It is mainly used to reboot the system after
the base address has been remapped.
The block diagram of the reset block is depicted in Figure 21.
Certain registers are reset by POR only, or by POR and the HW reset signal but not by the SW reset.
These registers are listed in Table 39.
Table 39: Reset Signals and Registers
Reset by POR Only
Reset by POR or HW Reset
Reset by POR, HW Reset, or
SW Reset
BANDGAP_REG
BLE_CNTL2_REG
The rest of the Register File
POR_PIN_REG
CLK_AMBA_REG[OTP_ENABLE]
POR_TIMER_REG
CLK_FREQ_TRIM_REG
HWR_CTRL_REG
CLK_RADIO_REG
RESET_STAT_REG[PORESET_STAT]
CLK_CTRL_REG
PAD_LATCH_REG
PMU_CTRL_REG
POWER_AON_CTARL_REG
SYS_CTRL_REG
GP_DATA_REG
TRIM_CTRL_REG
TEST_VDD_REG
RAM_PWR_CTRL_REG
RTC_CONTROL_REG
CLK_RC32K_REG
RTC_KEEP_RTC_REG
CLK_XTAL32K_REG
CLK_RC32M_REG
CLK_RCX_REG
XTALRDY_CTRL_REG
XTAL32M_CTRL0_REG
PMU_SLEEP_REG
POWER_CTRL_REG
POWER_LEVEL_REG
DCDC_CTRL_REG
RAM_LPMX_REG
HIBERN_CTRL_REG
CLK_RTCDIV_REG
RTC_CONTROL_REG
RTC_KEEP_RTC_REG
OTPC_*_REG
QDEC_*_REG
All RF calibration registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com