Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14531 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 17Page - Dialog Semiconductor DA14531 Datasheet HTML 18Page - Dialog Semiconductor DA14531 Datasheet HTML 19Page - Dialog Semiconductor DA14531 Datasheet HTML 20Page - Dialog Semiconductor DA14531 Datasheet HTML 21Page - Dialog Semiconductor DA14531 Datasheet HTML 22Page - Dialog Semiconductor DA14531 Datasheet HTML 23Page - Dialog Semiconductor DA14531 Datasheet HTML 24Page - Dialog Semiconductor DA14531 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
21 of 374
© 2020 Dialog Semiconductor
Table 1: DA14531 WLCSP17 Ball Description
Ball
no.
Pin Name
Type
Reset
State
Description
General Purpose I/Os (Note 3)
F4
P0_0
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power-
down.
RST
DIO (Type B)
RST active high hardware reset (default).
E5
P0_1
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
ADC0
AI
INPUT. Analog to Digital Converter input 0.
SWDIO
DIO
INPUT/OUTPUT. JTAG Data input/output. Bidirectional
data and control communication.
C5
P0_2
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
ADC1
AI
INPUT. Analog to Digital Converter input 1.
SWCLK
DIO
INPUT JTAG clock signal (by default).
B4
P0_3
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down. Check GP_DATA_REG[P03_P04_FILT_DIS] for
correct pad filter settings.
XTAL32kp
AI
INPUT. Analog input of the XTAL32K crystal oscillator.
DI
INPUT. Digital input for an external clock (square
wave).
A5
P0_4
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down. Check GP_DATA_REG[P03_P04_FILT_DIS] for
correct pad filter settings.
XTAL32km
AO
OUTPUT. Analog output of the XTAL32K crystal
oscillator.
D4
P0_5
DIO (Type B) I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com