| Electronic Components Datasheet Search |
|
MPFS250TL-1FCVG484E Datasheet(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPFS250TL-1FCVG484E Datasheet(HTML) 30 Page - Microchip Technology |
|
30 / 50 page ![]() 4.3.1.5 Reference Clock The reference clock pins allow connections directly with the transceiver lane quads. The reference clock inputs provide flexibility to interface with both single-ended and differential clocks, and can drive up to two independent clocks per transceiver lane quad. These reference clocks can also be sources for the global and regional clock networks in the FPGA fabric of the device. The following illustration shows the connectivity between the reference clock and transceiver lane quads. Figure 4-3. Reference Clock CMOS CMOS DIFF DIFF DIFF Termination Termination SERDES_VREF SERDES_REFCLK_P SERDES_REFCLK_N RefClk Interface Refclk0 Refclk1 VDDSREF VDDSREF Filter Filter Internal Reference Voltage Circuit 4.3.1.6 Quad Lane Overlay Assignments The transceiver lane either connects the parallel side of the interface to the PCIe Gen2 controller or to the fabric. The PCIe connections are fixed in the hardware and have a dedicated number of combinations between the two controllers. The fabric interface is used to support the PMA, 8b/10b, 64b/6xb, and PIPE modes and have complete flexibility into the fabric connections. For detailed lane assignments, see UG0920: PolarFire SoC FPGA PCI Express User Guide. 4.3.2 Inputs/Outputs PolarFire SoC FPGA I/Os are grouped into pairs to meet the differential I/O standards. Additionally, they are grouped in lanes of 12 buffers with a lane controller for memory interfaces, as shown in the following illustration. Programmable Logic Subsystem © 2021 Microchip Technology Inc. and its subsidiaries Overview DS60001656C-page 30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |