Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250TL-1FCVG484E Datasheet(PDF) 13 Page - Microchip Technology

Part # MPFS250TL-1FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-1FCVG484E Datasheet(HTML) 13 Page - Microchip Technology

Back Button MPFS250TL-1FCVG484E Datasheet HTML 9Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 10Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 11Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 12Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 13Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 14Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 15Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 16Page - Microchip Technology MPFS250TL-1FCVG484E Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
• CSR reads have a three-cycle result latency.
• MUL, MULH, MULHU, and MULHSU have a 5-cycle result latency.
• DIV, DIVU, REM, and REMU have between a 2-cycle and 33-cycle result latency, depending on the operand
values.
The pipeline only interlocks on read-after-write and write-after-write hazards, so instructions may be scheduled to
avoid stalls.
The U54 implements the standard Multiply (M) extension to the RISC-V architecture for integer multiplication and
division. The U54 has a 16-bit per cycle hardware multiply and a 4-bit per cycle hardware divide.
Branch and jump instructions transfer control from the memory access pipeline stage. Correctly predicted branches
and jumps incur no penalty, whereas mispredicted branches and jumps incur a three-cycle penalty.
Most CSR writes result in a pipeline flush with a five-cycle penalty.
3.1.2.5
U54 Data Memory System
The U54 data memory system has a 8-way set-associative 32 KB write-back data cache with 64 B cache lines.
The data cache is Virtually Indexed Physically Tagged (VIPT). Access latency is two clock cycles for words and
double-words, and three clock cycles for smaller quantities. Misaligned accesses are not supported in hardware
and result in a trap to support software emulation. The data caches are kept coherent with a directory-based cache
coherence manager, which resides in the outer L2 cache. Stores are pipelined and commit on cycles where the data
memory system is otherwise idle. Loads to addresses currently in the store pipeline result in a five-cycle penalty.
3.1.2.6
U54 Atomic Operations
The U54 core supports the RISC-V standard Atomic (A) extension on regions of the memory map denoted by the
attribute A. Atomic memory operations to regions that do not support them generate an access exception precisely
at the core. The load-reserved and store-conditional instructions are only supported on cached regions; therefore,
generate an access exception on DTIM and other uncached memory regions. See The RISC-V Instruction Set
Manual, Volume I: User-Level ISA, Version 2.1 [1] for more information on the instructions added by this extension.
3.1.2.7
U54 Floating Point Unit (FPU)
The U54 FPU provides full hardware support for the IEEE
® 754-2008 floating-point standard for 32-bit, single-
precision and 64-bit, double-precision arithmetic. The FPU includes a fully pipelined fused-multiply-add unit and
an iterative divide and square-root unit, magnitude comparators, and float-to-integer conversion units, all with full
hardware support for subnormals and all IEEE default values.
3.1.2.8
U54 Virtual Memory Support
The U54 has support for virtual memory through the use of a Memory Management Unit (MMU). The MMU supports
the Bare and Sv39 modes as described in the RISC-V Instruction Set Manual, Volume II: Privileged Architecture,
Version 1.10 [2]. The U54 MMU has a 39-bit virtual address space mapped to a 38-bit physical address space.
A hardware page-table walker refills the address translation caches. Both instruction and data address translation
caches are fully associative, and have 32 entries. The MMU supports 2 MB megapages and 1 GB gigapages to
reduce translation overheads for large contiguous regions of virtual and physical address space. Note that the U54
does not automatically set the Accessed (A) and Dirty (D) bits in a Sv39 Page Table Entry (PTE). Instead, the U54
MMU will raise a page fault exception for a read to a page with PTE.A=0 or a write to a page with PTE.D=0.
3.1.2.9
U54 Local Interrupts
Each U54 supports up to 48 local interrupt sources that are routed directly to the core. The local interrupts are
sourced from the FPGA fabric. Each U54 core receives the same 48 interrupt sources from the FPGA fabric.
3.1.2.10 U54 Memory Error Correction
The U54 ITIM and DTIM implement single-error correcting, double-error detecting (SECDEC) error correcting code
(ECC). The granularity at which this protection is applied (the codeword) is 32-bit (with an ECC overhead of 7 bits per
codeword).
3.1.2.10.1 U54 Memory Single-Bit Errors
When a single bit error is detected in the U54 L1 memory used as a cache, the error is corrected and the cache
line is flushed consequently writing to the next level in the memory hierarchy (L2 cache). When a single bit error
is detected in the the U54 L1 memory configured as an ITIM, the error is corrected and written back to the ITIM
location.
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com