Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS0504EVT233 Datasheet(PDF) 2 Page - Littelfuse

Part # LS0504EVT233
Description  5V, 4A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EVT233 Datasheet(HTML) 2 Page - Littelfuse

  LS0504EVT233 Datasheet HTML 1Page - Littelfuse LS0504EVT233 Datasheet HTML 2Page - Littelfuse LS0504EVT233 Datasheet HTML 3Page - Littelfuse LS0504EVT233 Datasheet HTML 4Page - Littelfuse LS0504EVT233 Datasheet HTML 5Page - Littelfuse LS0504EVT233 Datasheet HTML 6Page - Littelfuse LS0504EVT233 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Over Voltage Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: F.W.06/16/22
LS0504EVT233
5V, 4A eFuse with Over Voltage and Over Current Protection
Absolute Maximum Rating (Reference to GND)
* Notes: Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Symbol
Value
Units
IN, OUT
-0.3 to +30
V
ILIM
-0.3 to +6.5
V
ESD
Class 2
Junction Temperature Range
-40 to +150
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering 10s)
260
°C
Recommend Operating Conditions
Symbol
Value
Units
Input Voltage (IN)
+2.7 to +28
V
Operating Temperature Range
-40 to +85
°C
Junction Temperature Range
+125
°C
* Notes: The device is not guaranteed to function outside of the recommended operating conditions.
Symbol
Value
Units
Maximum Power Dissipation (T
A=25°C )
0.88
W
Thermal Resistance (
θ
JA)
142
°C/W
Thermal Resistance (
θ
JC)
74
°C/W
Note1: Measured on JESD51-7, 4-Layer PCB.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX= (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Symbol
Parameter
Test Conditions
Min
Nom
Max
Unit
V
IN
Input Voltage Range
2.7
28
V
I
BIAS
Quiescent Current
200
260
µA
V
UV
Input Under-voltage Threshold
2.48
V
V
UVHYS
Input Under-voltage Hysteresis
180
mV
V
OV
Input Over-voltage Threshold
6.2
V
V
OV
Input Over-voltage Hysteresis
330
mV
T
SS
Soft-start Slew Rate Time
230
µs
I
OUT
Continuous Output Current
0
3
A
R
Disch
OUT Discharging Resistance
V
IN=6.5V
80
Ω
T
SD
Thermal Shutdown Temperature
160
°C
T
HYS
Thermal Shutdown Hysteresis
40
°C
Electrical Characteristics (T
A = +25°C, VIN=5V, CIN=1μF, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com