Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS0504EVT233 Datasheet(PDF) 3 Page - Littelfuse

Part # LS0504EVT233
Description  5V, 4A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EVT233 Datasheet(HTML) 3 Page - Littelfuse

  LS0504EVT233 Datasheet HTML 1Page - Littelfuse LS0504EVT233 Datasheet HTML 2Page - Littelfuse LS0504EVT233 Datasheet HTML 3Page - Littelfuse LS0504EVT233 Datasheet HTML 4Page - Littelfuse LS0504EVT233 Datasheet HTML 5Page - Littelfuse LS0504EVT233 Datasheet HTML 6Page - Littelfuse LS0504EVT233 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Over Voltage Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: F.W.06/16/22
LS0504EVT233
5V, 4A eFuse with Over Voltage and Over Current Protection
Quiescent Current vs. Input Voltage
2.5 3.0
3.5 4.0 4.5 5.0 5.5 6.0 6.5
260
200
220
240
180
120
140
160
Input Voltage (V)
V
IN On (5VIN , IO=0A)
V
IN Off (5VIN , IO=0A)
VIN
2V/div
IIN
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A
V
IN
2V/div
IIN
1A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=0A
V
IN On (5Vin, IO=3A)
V
IN Off (5Vin, IO=3A)
VIN
2V/div
IIN
2A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
2V/div
IIN
2A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=3A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com