Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB30-CS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MB30-CS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
4
2.2 Digital ETR (Electronic Trip Relay)
Mitsubishi’s electronic MCCBs are equipped with a
digital ETR to enable fine protection.
The digital ETR contains Mitsubishi’s original double
IC (8 bit microcomputer and custom-IC).
Digital detection of the effective value
Electronic devices such as an inverter distort the cur-
rent waveform. Mitsubishi’s PSS electronic breakers
are designed to detect digitally the effective value of
the current to minimize over-current tripping errors.
This enables fine protection for the system.
LSW : Long
time-delay
soft ware
PSW : Pre-alarm
soft ware
WDT : Watch-dog
timer
circuit
Power-source side terminal
Load-side
terminal
Breaking mechanism
Test input
Load-current indication LED (70%)
Trip coil
Custom
IC
I
CV
PSS
WDT
Microcomputer
CPU
Characteristics
setting part
A/D
convertor
SSW
CT
CT
CT
CT
LSW
PSW
Input and
output
I : Instantaneous
circuit
CV : Constant
voltage
circuit
Phase-
selection
sampling
circuit
Short
time-delay
soft ware
Trigger circuit
Over-current
indication LED
Pre-alarm
indication LED
Pre-alarm
output
Standard equipped pre-alarm system
Mitsubishi’s PSS electronic breakers have a pre-alarm
system as a standard. When the load current exceeds
the set pre-alarm current, the breaker lights up an LED
and outputs a pre-alarm signal.
Load
M
1
×103
1
×102
1
×104
102
103
10
10
1
0.1
0.01
Ir
IP
Pre-alarm
current
Current setting
TL
Current (A)
Is
Ts
Load current
High-voltage fuse-
Allowable short-time
characteristics
Short time-delay
tripping current
Short time-delay
operating time
Instantaneous
tripping current
Long time-delay
operating time
Current-Converted value
on the high-voltage side
Switch
with fuse
High
voltage
Low
voltage
Transformer
MCCB
(electronic)
Ii
Processing of the digital ETR
Sampling and A/D
conversion
Calculating
the digitally
effective value
Processing
the long time-delay
pre-alarm
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com