Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB30-CS Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
8
sAutomatic Tripping Devices
qThermal-Magnetic Type (100~800A Frame)
1. Time-Delay Operation
An overcurrent heats and warps the bi-
metal to actuate the trip bar.
2. Instantaneous Operation
If the overcurrent is excessive, the
amature is attracted and the trip bar ac-
tuated.
Fig. 3.3
qThermal-Magnetic Type (1000~4000A Frame)
1. Time-Delay Operation
An overcurrent heats and warps the bi-
metal to actuate the trip bar.
2. Instantaneous Operation
If the overcurrent is excessive, magneti-
zation of the stationary core is strong
enough to attract the armature and ac-
tuate the trip bar.
Fig. 3.4
qHydraulic-Magnetic Type (30~60A Frame)
1. Time-Delay Operation
At an overcurrent flow, the magnetic
force of the coil overcomes the spring,
the core closes to the pole piece, attracts
the armature, and actuates the trip bar.
The delay is obtained by the viscosity of
silicon oil.
2. Instantaneous Operation
If the overcurrent is excessive, the ar-
mature is instantly attracted, without the
influence of the moving core.
Fig. 3.5
qPrinciple of Electronic Trip Relay (ETR) Operation
1. The current flowing in each phase is
monitored by a current transformer (CT).
2. Each phase of the transformed current
undergoes full-phase rectification in the
rectifier circuit.
3. After rectification, each of the currents
are converted by a peak-conversion and
an effective-value conversion circuit.
4. The largest phase is selected from the
converted currents.
5. Each time-delay circuit generates a time
delay corresponding to the largest
phase.
6. The trigger circuit outputs a trigger sig-
nal.
7. The trip coil is excited, operating the
switching mechanism.
Fig. 3.6
Armature
Trip bar
Silicon oil
Moving core
Damping spring
Pipe
Coil
Pole piece
Bimetal
Heater
Armature
Trip bar
Latch
Bimetal
Latch
Heater
Stationary core
Armature
Trip bar
Power-source side terminal
Load-side
terminal
Breaking mechanism
Test input
Load-current indication LED (70%)
Trip coil
Custom
IC
I
CV
PSS
WDT
Microcomputer
CPU
Characteristics
setting part
A/D
convertor
SSW
LSW
PSW
Input and
output
Trigger circuit
Over-current
indication LED
Pre-alarm
indication LED
Pre-alarm
output
CT
CT
CT
CT
CT
CT
CT
Power-supply side terminal
Load-side
terminal
Test
terminals Overcurrent display
LED
(1000~1600A Frame)
(100~800A Frame)
Switching mechanism
Trip coil
Peak
conversion
and
largest-phase
selection
Effective value
conversion
and
largest-phase
selection
Test-signal
generator
circuit
Long-
delay
circuit
Short-
delay
circuit
Instan-
taneous
circuit
Special
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com