Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H725AEV3TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32H725AEV3TR
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AEV3TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32H725AEV3TR Datasheet HTML 73Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 74Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 75Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 76Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 77Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 78Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 79Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 80Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 283 page
background image
DS13311 Rev 3
77/282
STM32H725xE/G
Pinouts, pin descriptions and alternate functions
112
-
-
-
-
-
K9
N14
-
PH10
I/O
FT_h
-
TIM5_CH1,
I2C4_SMBA,
FMC_D18,
DCMI_D1/PSSI_D1,
LCD_R4, EVENTOUT
-
-
-
-
-
-
L10 M13
-
PH11
I/O
FT_fh
-
TIM5_CH2, I2C4_SCL,
FMC_D19,
DCMI_D2/PSSI_D2,
LCD_R5, EVENTOUT
-
-
-
-
-
-
-
-
83
VSS
S
-
-
-
-
-
-
-
-
Y1
-
-
84
VDD
S
-
-
-
-
-
-
-
-
-
K10 N15
-
PH12
I/O
FT_fh
-
TIM5_CH3,
I2C4_SDA, FMC_D20,
DCMI_D3/PSSI_D3,
LCD_R6, EVENTOUT
-
36
48
K8
72
U4
N12 M15
85
PB12
I/O
FT_h
-
TIM1_BKIN,
OCTOSPIM_P1_NCL
K, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
DFSDM1_DATIN1,
USART3_CK,
FDCAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_
RMII_TXD0,
OCTOSPIM_P1_IO0,
TIM1_BKIN_COMP12,
UART5_RX,
EVENTOUT
-
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com