Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H725AEV3TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H725AEV3TR
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AEV3TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H725AEV3TR Datasheet HTML 17Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 18Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 19Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 20Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 21Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 22Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 23Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 24Page - STMicroelectronics STM32H725AEV3TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 283 page
background image
DS13311 Rev 3
21/282
STM32H725xE/G
Description
55
Operating voltage
1.71 to 3.6 V
1.62 to 3.6 V
1.62 to 3.6 V
Operating
temperatures
Ambient
temperature
-40°C to +85°C
Junction
temperature
-40°C to +125°C
Extended
operating
temperatures
(3)
Ambient
temperature
-40°C to +125°C
Junction
temperature
-40°C to +140°C
Package
VFQFPN
68
LQFP
100
TFBGA
100
LQFP
144
WLCSP
115
UFBGA
169
UFBGA
176+25
LQFP17
6
1. The 24-bit SDRAM controller is a 32-bit controller with only a 24-bit data bus and without NBL2-3. It can be used for graphical
purposes to access aligned 32-bit words ignoring upper 8 bits.
2. For limitations on peripheral features depending on packages, check the available pins/balls in Table 8: STM32H725 pin and
ball descriptions.
3. The extended temperature range is not available on WLCSP115 package.
Table 2. STM32H725xE/G features and peripheral counts (continued)
Peripherals
STM32H
725REV/
RGV
STM32H
725VET/
VGT
STM32H
725VEH/
VGH
STM32H
725ZET/
ZGT
STM32
H725V
GY
STM32H
725AEI/
AGI
STM32H
725IEK/
IGK
STM32H
725IET/
IGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com