Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103ZCT6TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F103ZCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 41Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 42Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 43Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 44Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 45Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 46Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 47Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 48Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 143 page
background image
DS5792 Rev 13
45/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
5.3.2
Operating conditions at power-up / power-down
The parameters given in Table 11 are derived from tests performed under the ambient
temperature condition summarized in Table 10.
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 12 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 10.
Table 11. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
Table 12. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18
2.26
V
PLS[2:0]=000 (falling edge)
2
2.08
2.16
PLS[2:0]=001 (rising edge)
2.19 2.28
2.37
PLS[2:0]=001 (falling edge)
2.09 2.18
2.27
PLS[2:0]=010 (rising edge)
2.28 2.38
2.48
PLS[2:0]=010 (falling edge)
2.18 2.28
2.38
PLS[2:0]=011 (rising edge)
2.38 2.48
2.58
PLS[2:0]=011 (falling edge)
2.28 2.38
2.48
PLS[2:0]=100 (rising edge)
2.47 2.58
2.69
PLS[2:0]=100 (falling edge)
2.37 2.48
2.59
PLS[2:0]=101 (rising edge)
2.57 2.68
2.79
PLS[2:0]=101 (falling edge)
2.47 2.58
2.69
PLS[2:0]=110 (rising edge)
2.66 2.78
2.9
PLS[2:0]=110 (falling edge)
2.56 2.68
2.8
PLS[2:0]=111 (rising edge)
2.76 2.88
3
PLS[2:0]=111 (falling edge)
2.66 2.78
2.9
VPVDhyst(2)
PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84 1.92
2.0
VPDRhyst(2)
PDR hysteresis
-
-
40
-
mV
TRSTTEMPO(2)
2. Guaranteed by design.
Reset temporization
-
1
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com