Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103ZCT6TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F103ZCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 53Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 54Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 55Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 56Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 57Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 58Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 59Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 60Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 143 page
background image
DS5792 Rev 13
57/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
APB2 (up to 72 MHz)
APB2-Bridge
4,17
μA/MHz
GPIOA
8,47
GPIOB
8,47
GPIOC
6,53
GPIOD
8,47
GPIOE
6,53
GPIOF
6,53
GPIOG
6,11
SPI1
4,72
USART1
12,50
TIM1
22,92
TIM8
22,92
ADC1(4)
17,32
ADC2(4)
15,18
ADC3(4)
14,82
1. The BusMatrix is automatically active when at least one master is ON. (CPU, DMA1 or DMA2).
2. When the I2S is enabled, a current consumption equal to 0.02 mA must be added.
3. When DAC_OU1 or DAC_OUT2 is enabled, a current consumption equal to 0.36 mA must be added.
4. Specific conditions for measuring ADC current consumption: fHCLK = 56 MHz, fAPB1 = fHCLK/2, fAPB2 =
fHCLK, fADCCLK = fAPB2/4. When ADON bit in the ADCx_CR2 register is set to 1, a current consumption of
analog part equal to 0.54 mA must be added for each ADC.
Table 20. Peripheral current consumption (continued)
Peripheral
Current
consumption
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com