Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMBEB200BTS Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CMBEB200BTS
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMBEB200BTS Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CMBEB200BTS Datasheet HTML 1Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 2Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 3Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 4Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 5Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 6Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 7Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 8Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
For more information visit: www.cutler-hammer.eaton.com
TD00502001E
Technical Data
Page 2
Effective: April 2002
Meter Breakers
Residential Meter Breakers
Residential Meter Breakers
Product Description
A meter breaker is service entrance
equipment that consists of a single
meter socket and loadcenter (circuit
breaker distribution section) or meter
socket and main breaker combined
in one enclosure. Sometimes called
Combos, All-In-Ones, Meter Centers or
Meter Mains these units are increasing
in popularity as the socket and load-
center or main breaker are located
in one location, thus providing the
contractor with a labor and material
savings when installing.
Application Description
In addition to residential installations,
meter breakers are equally applicable
for rural service entrance, mobile
homes, and construction site tempo-
rary power. Meter breakers are most
often sold in the western, southwest-
ern and southeastern United States.
The popularity of meter breakers is
continuing to increase as more utilities
deregulate and pass the responsibility
of supplying watt-hour meter sockets
on to the electrical contractor.
Application Considerations
We have the meter breaker to meet
your application. Cutler-Hammer
offers:
s
Non-EUSERC.
s
EUSERC/West Coast
(Electrical Utility Service Equipment
Requirements Committee).
s
House Panels.
s
Commercial Safety Sockets.
Non-EUSERC
The Cutler-Hammer line of Non-EUSERC
meter breakers is designed for cus-
tomers served by utilities that are not
members of EUSERC.
EUSERC/West Coast
The Cutler-Hammer line of EUSERC
approved devices adheres to the agreed
upon standards. EUSERC utilities are
predominately located in the western
United States, but some eastern and
midwestern utilities are also members.
These units can also be used in many
Non-EUSERC areas.
House Panels
Meter breaker device rated at
300 – 400A. Applied in EUSERC and
Non-EUSERC areas.
Commercial Safety Sockets
Applied in EUSERC and Non-EUSERC
service areas and used in commercial
applications.
Standards and Certifications
s
UL Specification 414 (socket).
s
UL File Number E52977.
s
AEIC-EEI-NEMA Standards (MSJ-7).
s
Meet EUSERC Utility requirements
where noted.
s
Documented Seismic Qualified —
UBC and CBC Title 24.
s
UL Specification 67 (panel).
Product Specifications
s
Ratings single-phase, 3-wire,
120/240V AC.
s
100 – 225 ampere main breaker and
main lug types.
s
10,000 amperes rms symmetrical
short circuit rating.
Features, Benefits
and Functions
s
Both BR and CH type branch circuit
breaker styles available.
s
Meets latest NEC wire bending
space requirements.
s
Slotted sealing screws at hub with
sealing provision provided.
s
Surface units are supplied with
mounting tabs.
s
Semi-flush units are supplied with
stucco flange.
s
Meter socket ring landing will
accept locking security rings.
s
Overhead or underground service.
s
Fifth jaw can be installed in the
3 o’clock or 9 o’clock position.
s
Semi-flush with nail flange or
surface mounting.
s
Meter mounting and underground
pull sections are utility sealable.
s
Units are rated a minimum of 10 kAIC;
some units are 22 kAIC.
s
Numerous units supplied with
center keyhole for ease of mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com