Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMBEB200BTS Datasheet(PDF) 22 Page - Eaton All Rights Reserved.

Part # CMBEB200BTS
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMBEB200BTS Datasheet(HTML) 22 Page - Eaton All Rights Reserved.

Back Button CMBEB200BTS Datasheet HTML 18Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 19Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 20Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 21Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 22Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 23Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 24Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 25Page - Eaton All Rights Reserved. CMBEB200BTS Datasheet HTML 26Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
For more information visit: www.cutler-hammer.eaton.com
TD00502001E
Technical Data
Page 22
Effective: April 2002
Meter Breakers
Type BR Residential
300 Ampere and 400 Ampere
“House Panels”
Type BR Residential — 300 Ampere
and 400 Ampere “House Panels”
Product Description
A “House Panel” is a service entrance
device that consists of a meter socket
and a distribution section. The unit is
rated at 300 amperes or 400 amperes.
Application Description
In addition to residential installations,
a “house panel” could also be used
for an apartment/condominium, club-
house or common area.
Features, Benefits
and Functions
300 Ampere and 400 Ampere
“House Panels”
s
Underground feed only.
s
“DS_H2” type hub provisions on
bottom endwall.
s
“Ring Style Units” meet EUSERC
requirements.
s
Plug-on 400 ampere meter socket
(320 ampere continuous).
s
NEMA 3R — rainproof.
s
Lever bypass socket available
on certain catalog numbers.
s
Service entrance equipment and
UL listed.
s
Uses BR branch breakers.
s
Box Type lug kit available —
HPBLK750.
Product Selection
Table 25. 300 – 400 Ampere “House Panels”
Confirm security type for individual EUSERC utility requirements.
Included in all of the following devices.
If unit needs to be semi-flush, order accessory item catalog number HPPR to convert all surface mounting devices to semi-flush mounting.
Includes manual bypass and additional ground lug to meet Nevada Power requirements.
Secondary sub-main installed in panel.
Feed-through lugs included.
Bolt-on meter socket.
Ampere
Rating
Security
Bypass
Main
Breaker
Optional
Secondary
Main Breaker
(Not Included)
Service
Type
kAIC
Dist.
Wiring Diagram
Line Side
Main Lugs
and Neutral
Catalog Number
Page
Figure
Surface
Semi-Flush
300
300
300
300
300
300
Ring
Ring
Ring
Ring
Ring
Ring
None
None
None
Manual
Manual
Manual
BW2200
BW2200
BWH2200
BWH2200
BW2200
BW2200
BR
BR
BR
BR
—
BR
UG
UG
UG
UG
UG
UG
10
10
22
22
10
10
24/40
None
40/40
40/40
None
40/40
24
23
23
23
23
23
66
56
60
60
56
60
Lug landings for
compression lugs
HP302440S
HP30S
HP304040SH
HP304040SHA
HP30SA
HP304040SA
—
—
—
—
—
—
300
300
Ringless
Ringless
Lever
Lever
BWH2200
BWH2200
BRH
BRH
UG
UG
22/10
22/10
None
40/40
23
23
56
59
HP30SHL
HP304040SHL
—
—
400
400
400
400
Ring
Ring
Ring
Ring
None
None
None
None
DK2400
BW2200
BWH2200
DK2400
—
BW
BWH
—
UG
UG
UG
UG
22/10
10
22/10
22/10
24/42
24/40
40/40
None
24
23
23
23
64
58
58
55
HP402442
HP402440S
HP404040SH
HP40
—
—
—
—
400
400
400
Ring
Ring
Ring
None
None
None
Provision
BW2200
BWH2200
BW
BW
BWH
UG
UG
UG
22/10
10
22/10
8/16
None
None
23
24
24
61
67
67
HP816P400BS
HP40S
HP40SH
—
—
—
400
400
400
400
Ring
Ring
Ring
Ring
Manual
Manual
Manual
Manual
BWH2200
DK2400
BW2200
BW2200
BWH
—
BW
BW
UG
UG
UG
UG
22
10
10
10
40/40
None
24/42
24/40
23
23
24
23
58
55
64
58
HP404040SHA
HP40A
HP402442A
HP402440SA
—
—
—
—
400
400
400
400
400
Ringless
Ringless
Ringless
Ringless
Ringless
None
None
None
Lever
Lever
DK2400
BW2200
BWH2200
BWH2200
BWH2200
—
BW
BWH
BWH
BWH
UG
UG
UG
UG
UG
22/10
10
22/10
22/10
22/10
24/40
24/40
24/40
None
40/40
23
24
24
24
24
57
63
63
67
65
HP402440B
HP402440SB
HP402440SBH
HP40SHL
HP404040SHL
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com