Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P024 Datasheet(PDF) 93 Page - Fuji Electric

Part # BW50RAM-3P024
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P024 Datasheet(HTML) 93 Page - Fuji Electric

Back Button BW50RAM-3P024 Datasheet HTML 85Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 86Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 87Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 88Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 89Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 90Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 91Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 92Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 93Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 93 / 93 page
background image
06/93
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Padlocking device
• Cap type Q1
Q1: BZ6L10CA (OFF-locking Padlocking device)
Padlocking device
• Cap type Q1,QN
• Plate type Q2
Padlocking device and handle locking cover
n
Description
• Padlocking device
These padlocking device lock the Breaker handle in the OFF position.
Use a commercially available padlock with a shackle diameter of 3.5 to
5mm (5mm for the BZ6L10CA).
• Handle locking covers (Order Separately)
These simple handle locking covers can be easily installed by the user.
Tripping is possible while the Breaker is locked ON.
Handle locking cover
Handle locking cover
MCCB
Padlocking device
Handle locking cover
Q1: Cap type
QN: Scissors type
Q2: Plate type
BW32
BZ6L10CA
–
▲
*1*4
BZ6L10C
BW50AAG, EAG, SAG, RAG
BW63
BW100
BW50HAG, BW125
BW9Q1CA *5
BW9Q2CA *3
BW9L1CA
BW160
BW9Q2GA
BW250
BW400
▲
*1
BW9QNHA *2
BW9Q2HA
BW9L1HA
BW630
BW9Q2JA
BW800
Molded Case Circuit Breakers
G-TWIN series
External accessories
Notes:
*1 Specify Locks when ordering the Breaker. (▲: Factory-mounted)
*2 ON and OFF locking is possible.
*3 Not applicable to the BW125JA -2P (models with a width of 60 mm).
*4 If a padlock is required, use a commercially available padlock with the dimensions shown in the diagram at the right.
*5 Three padlocks with shackles from 3.5 to 8 mm in diameter can be attached.
ø5
35
(20)
9.5
CL
CL
20
95
MCCB
21.8
5
3.5
7.8
3.5
ø3.5
OFF
3-ø4.5
Padlock
Padlock
(Obtain a commercially available lock
conforming to the diagram at the right.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com