Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P024 Datasheet(PDF) 59 Page - Fuji Electric

Part # BW50RAM-3P024
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P024 Datasheet(HTML) 59 Page - Fuji Electric

Back Button BW50RAM-3P024 Datasheet HTML 55Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 56Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 57Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 58Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 59Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 60Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 61Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 62Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 63Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
06/59
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Characteristic curves
BW50HAG, BW125
BW160, 250
BW400
n
Characteristic curves / Line protection
Temperature correction curve
• 40A
• 50-125A
• 40-125A
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 40 5060 80 100
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 40 50 60 80 100
-10
10
0
20
30
40
50
50
100
150
Reference temp. 40°C
Ambient temp. (°C)
Muitiple of rated current
Muitiple of rated current
Max. value
Max. value
Min. value
Min. value
Max. total fault
clearing time
Max. total fault
clearing time
Instantaneous tripping
characteristic
500A±100A
Instantaneous
tripping
characteristic
10In±20%
Temperature correction curve
Temperature correction curve
Reference temp. 40°C
Reference temp. 40°C
Ambient temp. (°C)
Ambient temp. (°C)
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 7 8 10 15 20 30 40 5060 80
100
−10
10
0
20
30
40
50
50
100
150
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1
1.5 2
3 4 5 6 78 10 15 20
30 40 5060 80 100
−10
10
0
20
30
40
50
50
100
150
Muitiple of rated current
Muitiple of rated current
Max. value
Min. value
Max. total fault
clearing time
Instantaneous
tripping
characteristic
10In±20%
Max. value
Min. value
Max. total fault
clearing time
Instantaneous
tripping
characteristic
10In±20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com