Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G2PC5V030 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # G2PC5V030
Description  48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

G2PC5V030 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  G2PC5V030 Datasheet HTML 1Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 2Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 3Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 4Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 5Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 6Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pisces II Series, Page 5
WWW.GALAXYPWR.COM
Part No. 02-007 Rev. 3.0–061004
Pisces II Operation
2.5
2.0
1.5
1.0
0.5
0
6
4
2
0
Vout
Enable
0
10
20
30
40
50
Time (mS)
Enable-on Waveform
48V Input, 30A, 1.8V Output
Power Dissipation
1.8V Output
14
12
10
8
6
4
2
0
020
40
50
60
Load Current (A)
36V Vin
48V Vin
60V Vin
10
30
Power Dissipation
2.5V Output
16
14
12
10
8
6
4
2
0
020
40
50
60
Load Current (A)
36V Vin
48V Vin
60V Vin
10
30
Efficiency
1.8V Output
94
92
90
88
86
84
82
80
020
40
60
50
Output Current (A)
36V Vin
48V Vin
60V Vin
30
10
Efficiency
2.5V Output
94
92
90
88
86
84
82
80
020
40
60
50
Output Current (A)
36V Vin
48V Vin
60V Vin
30
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com