Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G2PC5V030 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # G2PC5V030
Description  48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

G2PC5V030 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  G2PC5V030 Datasheet HTML 1Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 2Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 3Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 4Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 5Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 6Page - Galaxy Power, Inc. G2PC5V030 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pisces II Series, Page 1
WWW.GALAXYPWR.COM
Part No. 02-007 Rev. 3.0–061004
The Pisces II Series is the industry's
first 60A quarter brick in Galaxy Power's
CoolConverter™ line of high-efficiency DC/DC
converters.
Industry Standard Pinout and Footprint
Typical Efficiency:
93% at 2.5V, 30A; 91% at 2.5V, 60A
Very Low Dissipation
No Heat Sink Required
Low Profile, 0.38"
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense, Wide Trim Range
Single Board Design, Very Low Parts Count
Optional Baseplate or Low Profile Heatsink
for Improved Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
PISCES II Series
Control Functions
Patented Power Supply Control and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy:
±1%
Load Regulation:
±0.2%
Line Regulation:
±0.2%
Regulation over Line, Load, and Temperature:
±2%
Low Output Ripple
Output Trim
The open-frame Pisces II is available with an optional
heat-spreading baseplate or low profile heatsink for
use in extremely demanding applications.
ISO 9001 CERTIFIED ORGANISATION
®
48V or 24V Input
1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output
3.3V, 45A; 5.0V, 30A Output


Similar Part No. - G2PC5V030

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G2P041X-LF BOTHHAND-G2P041X-LF Datasheet
289Kb / 2P
Compliance with ROHS requirements
G2P109N-C-LF BOTHHAND-G2P109N-C-LF Datasheet
262Kb / 2P
Supports 8 pairs of category 5 UTP cable
G2P109NLF BOTHHAND-G2P109NLF Datasheet
86Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G2P109NY-LF BOTHHAND-G2P109NY-LF Datasheet
313Kb / 2P
POE applications with 600mA current capability
G2P129N-LF BOTHHAND-G2P129N-LF Datasheet
288Kb / 2P
Compliance with ROHS requirements
More results

Similar Description - G2PC5V030

ManufacturerPart #DatasheetDescription
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
48V Input, 3.3VDC, 30A Output
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
48V Input, 2.5VDC, 40A Output
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
48V Input, 3.3VDC, 30A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com