Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R06 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45R06 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
HT45R06
Rev. 1.00
14
May 24, 2005
Timer/Event Counter
A timer/event counter (TMR) is implemented in the
microcontroller. The timer/event counter contains an
8-bit programmable count-up counter and the clock may
come from an external source or the system clock.
Using external clock input allows the user to count exter-
nal events, measure time internals or pulse widths, or
generate an accurate time base. Using the internal clock
allows the user to generate an accurate time base.
The timer/event counter can generate a PFD signal by
using external or internal clock and PFD frequency is
determine by the equation fINT/[2
´(256-N)].
There are two registers related to the timer/event coun-
ter; TMR ([0DH]), TMRC ([0EH]). Two physical registers
are mapped to TMR location. Writing TMR makes the
starting value be placed in the timer/event counter
preload register and reading TMR retrieves the contents
of the timer/event counter. The TMRC is a timer/event
counter control register, which defines some options.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from the fINT clock. The
pulse width measurement mode can be used to count
the high or low level duration of the external signal
(TMR). The counting is based on the fINT clock.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFH. Once over-
flow occurs, the counter is reloaded from the timer/event
counter preload register and generates the interrupt re-
quest flag (TF; bit 5 of the INTC) at the same time.
In the pulse width measurement mode with the TON and
TE bits equal to one, once the TMR has received a tran-
sient from low to high (or high to low if the TE bits is
²0²)
it will start counting until the TMR returns to the original
level and resets the TON. The measured result will re-
main in the timer/event counter even if the activated
transient occurs again. In other words, only one cycle
measurement can be done. Until setting the TON, the
cycle measurement will function again as long as it re-
ceives further transient pulse. Note that in this operating
mode, the timer/event counter starts counting not ac-
cording to the logic level but according to the transient
edges. In the case of counter overflows, the counter is
reloaded from the timer/event counter preload register
and issues an interrupt request just like the other two
modes. To enable the counting operation, the timer ON
bit (TON; bit 4 of the TMRC) should be set to 1. In the
pulse width measurement mode, the TON will be
cleared automatically after the measurement cycle is
completed. But in the other two modes the TON can only
be reset by instructions. The timer/event counter over-
flow is one of the wake-up sources. No matter what the
operation mode is, writinga0toETIcan disable the in-
terrupt service.
Bit No.
Labels
Function
0
1
2
PSC0
PSC1
PSC2
Defines the prescaler stages, PSC2, PSC1, PSC0=
000: fINT=fSYS/1
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3TE
Defines the TMR active edge of the timer/event counter:
In Event Counter Mode (TM1,TM0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (TM1,TM0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
TON
Enables or disables the timer counting
(0=disable; 1=enable)
5
¾
Unused bit, read as
²0²
6
7
TM0
TM1
Defines the operating mode, TM1, TM0=
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMRC (0EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com