Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R06 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45R06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
HT45R06
Rev. 1.00
16
May 24, 2005
After a chip reset, these input/output lines remain at high
levels or floating state (depending on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H or
18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The highest 7-bit of port D and 4 bits of port B
are not physically implemented, on reading them a
²0² is
returned whereas writing then results in no-operation.
See Application note.
There is a pull-high option available for all I/O lines.
Once the pull-high option is selected, all I/O lines have
pull-high resistors. Otherwise, the pull-high resistors are
absent. It should be noted that a non-pull-high I/O line
operating in input mode will cause a floating state.
The PA3 is pin-shared with the PFD. If the PFD option is
selected, the output signal in output mode of PA3 will be
the PFD signal generated by the timer/event counter
overflow signal. Those in the input mode always main-
tain their original functions. Once the PFD option is se-
lected, the PFD output signal is controlled by PA3 data
register only. Writing
²1² to PA3 data register will enable
the PFD output function and writing
²0² will force the
PA3 to remain at
²0². The I/O functions of PA3 are
shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA4 and PA5 are pin-shared with TMR and INT pins
respectively.
The PB can also be used as A/D converter inputs. The
A/D function will be described later.
A/D Converter
The 4 channels and 8-bit resolution A/D converter are
implemented in this microcontroller. The reference volt-
age is VDD. The A/D converter contains three special
registers, namely, ADR (21H), ADCR (22H) and ACSR
(23H). The ADR is A/D result register and is read-only.
After the A/D conversion is completed, the ADR should
be read to retrieve the conversion result data. The
ADCR is an A/D converter control register, which de-
fines the A/D channel number, analog channel select,
start A/D conversion control bit and end of A/D conver-
sion flag. If users want to start an A/D conversion, they
should define the PB configuration, select the converted
analog channel, and give START bit a raising edge and
falling edge (0
®1®0). At the end of A/D conversion, the
EOCB bit is cleared and an A/D converter interrupt oc-
curs (if the A/D converter interrupt is enabled). The
ACSR is A/D clock setting register, which is used to se-
lect the A/D clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of eight
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line determined by these 3 bits. Once a PB
line is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled and the A/D
converter circuit is powered on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of the
A/D converter. Giving START bit a rising edge and fall-
ing edge means that the A/D conversion has started. In
order to ensure that A/D conversion is completed, the
START should remain at
²0² until the EOCB is cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purposes only.
It cannot be used by the users. The bit1 and bit0 of the
ACSR are used to select the A/D clock sources.
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00=system clock/2
01=system clock/8
10=system clock/32
11=undefined
2~6
¾
Unused bit, read as
²0²
7
TEST
For test mode used only
ACSR (23H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com