| Electronic Components Datasheet Search |
|
PIC16F88-I/ML Datasheet(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/ML Datasheet(HTML) 209 Page - Microchip Technology |
|
209 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 207 PIC16F87/88 TXSTA Register ................................................................. 15 BRGH Bit ................................................................... 97 CSRC Bit .................................................................... 97 SYNC Bit .................................................................... 97 TRMT Bit .................................................................... 97 TX9 Bit ....................................................................... 97 TX9D Bit ..................................................................... 97 TXEN Bit .................................................................... 97 U USART ............................................................................... 97 Address Detect Enable (ADDEN Bit) ......................... 98 Asynchronous Mode ................................................ 102 Asynchronous Receive (9-bit Mode) ........................ 106 Asynchronous Receive with Address Detect. See Asynchronous Receive (9-bit Mode). Asynchronous Receiver ........................................... 104 Asynchronous Reception ......................................... 105 Asynchronous Transmitter ....................................... 102 Baud Rate Generator (BRG) ...................................... 99 Baud Rate Formula ............................................ 99 Baud Rates, Asynchronous Mode (BRGH = 0) .............................................. 100 Baud Rates, Asynchronous Mode (BRGH = 1) .............................................. 100 High Baud Rate Select (BRGH Bit) .................... 97 INTRC Baud Rates, Asynchronous Mode (BRGH = 0) .............................................. 101 INTRC Baud Rates, Asynchronous Mode (BRGH = 1) .............................................. 101 INTRC Operation ............................................... 99 Low-power Mode Operation ............................... 99 Sampling ............................................................ 99 Clock Source Select (CSRC Bit) ................................ 97 Continuous Receive Enable (CREN Bit) .................... 98 Framing Error (FERR Bit) .......................................... 98 Mode Select (SYNC Bit) ............................................ 97 Receive Data, 9th bit (RX9D Bit) ............................... 98 Receive Enable, 9-bit (RX9 Bit) ................................. 98 Serial Port Enable (SPEN Bit) .............................. 97, 98 Single Receive Enable (SREN Bit) ............................ 98 Synchronous Master Mode ...................................... 108 Synchronous Master Reception ............................... 110 Synchronous Master Transmission .......................... 108 Synchronous Slave Mode ........................................ 111 Synchronous Slave Reception ................................. 112 Synchronous Slave Transmit ................................... 111 Transmit Data, 9th Bit (TX9D) .................................... 97 Transmit Enable (TXEN Bit) ....................................... 97 Transmit Enable, Nine-bit (TX9 Bit) ........................... 97 Transmit Shift Register Status (TRMT Bit) ................. 97 USART Synchronous Receive Requirements .................. 187 V VDD Pin ................................................................................ 9 Voltage Reference Specifications .................................... 175 VSS Pin ................................................................................ 9 W Wake-up from SLEEP ...............................................129, 146 Interrupts ................................................................. 135 MCLR Reset ............................................................ 135 WDT Reset .............................................................. 135 Wake-up Using Interrupts ................................................ 146 Watchdog Timer (WDT) ............................................129, 141 Associated Registers ............................................... 142 WDT Reset, Normal Operation .........................132, 135 WDT Reset, SLEEP ..........................................132, 135 WCOL ................................................................................ 89 WDTCON Register ............................................................ 16 Write Collision Detect Bit, WCOL ...................................... 89 WWW, On-Line Support ...................................................... 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |