Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 206Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 207Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 208Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 209Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 210Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 211Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 212Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 213Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 214Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 213 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 211
PIC16F87/88
PIC16F87/88 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F87: Standard VDD range
PIC16F87T: (Tape and Reel)
PIC16LF87: Extended VDD range
Temperature Range
-
=
0°C to +70°C
I
=
-40°C to +85°C
Package
P
=
PDIP
SO
=
SOIC
SS
=
SSOP
ML
=
QFN
Pattern
QTP, SQTP, ROM Code (factory specified) or
Special Requirements. Blank for OTP and
Windowed devices.
Examples:
a)
PIC16F87-I/P = Industrial temp., PDIP
package, Extended VDD limits.
b)
PIC16F87-I/SO = Industrial temp., SOIC
package, normal VDD limits.
Note 1:
F = CMOS FLASH
LF = Low-power CMOS FLASH
2:
T = in tape and reel - SOIC, SSOP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com