Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 129Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 130Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 131Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 132Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 133Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 134Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 135Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 136Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 131
PIC16F87/88
REGISTER 15-2:
CONFIG2: CONFIGURATION WORD 2 REGISTER (ADDRESS 2008h)
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—
—
—
—
—
—
—
IESO
FCMEN
bit 13
bit 0
bit 13-2
Unimplemented: Read as ‘1’
bit 1
IESO: Internal External Switch Over bit
1
= Internal External Switch Over mode enabled
0
= Internal External Switch Over mode disabled
bit 0
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com