Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 132Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 133Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 134Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 135Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 136Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 137Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 138Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 139Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 214 page
background image
PIC16F87/88
DS30487B-page 134
Preliminary
 2003 Microchip Technology Inc.
15.8
Time-out Sequence
On power-up, the time-out sequence is as follows: the
PWRT delay starts (if enabled) when a POR occurs.
Then, OST starts counting 1024 oscillator cycles when
PWRT ends (LP, XT, HS). When the OST ends, the
device comes out of RESET.
If MCLR is kept low long enough, all delays will expire.
Bringing MCLR high will begin execution immediately.
This is useful for testing purposes, or to synchronize
more than one PIC16F87/88 device operating in
parallel.
Table 15-3 shows the RESET conditions for the
STATUS, PCON and PC registers, while Table 15-4
shows the RESET conditions for all the registers.
15.9
Power Control/Status Register
(PCON)
The Power Control/Status Register, PCON, has two
bits to indicate the type of RESET that last occurred.
Bit0 is Brown-out Reset Status bit, BOR. Bit BOR is
unknown on a Power-on Reset. It must then be set by
the user and checked on subsequent RESETS to see
if bit BOR cleared, indicating a Brown-out Reset
occurred. When the Brown-out Reset is disabled, the
state of the BOR bit is unpredictable.
Bit1 is POR (Power-on Reset Status bit). It is cleared on
a Power-on Reset and unaffected otherwise. The user
must set this bit following a Power-on Reset.
TABLE 15-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 15-2:
STATUS BITS AND THEIR SIGNIFICANCE
Oscillator
Configuration
Power-up
Brown-out Reset
Wake-up from
SLEEP
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 • TOSC
1024 • TOSC
TPWRT + 1024 • TOSC
1024 • TOSC
1024 • TOSC
EXTRC, INTRC
TPWRT
5-10
µs(1)
TPWRT
5-10
µs(1)
5-10
µs(1)
T1OSC
—
———
5-10
µs(1)
Note 1:
CPU start-up is always invoked on POR, BOR and wake-up from SLEEP. The 5
µs-10 µs delay is based on
a 1 MHz system clock.
POR
BOR
TO
PD
0x1
1
Power-on Reset
0x0
x
Illegal, TO is set on POR
0xx
0
Illegal, PD is set on POR
101
1
Brown-out Reset
110
1
WDT Reset
110
0
WDT Wake-up
11u
u
MCLR Reset during normal operation
111
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP
Legend: u = unchanged, x = unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com