Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 139Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 140Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 141Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 142Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 143Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 144Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 145Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 146Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 141
PIC16F87/88
15.12 Watchdog Timer (WDT)
For PIC16F87/88 devices, the WDT has been modified
from previous PIC16 devices. The new WDT is code
and functionally backward compatible with previous
PIC16 WDT modules, and allows the user to have a
scaler value for the WDT and TMR0 at the same time.
In addition, the WDT time-out value can be extended to
268 seconds, using the prescaler with the postscaler
when PSA is set to ‘1’.
15.12.1
WDT OSCILLATOR
The WDT derives its time base from the 31.25 kHz
INTRC. The value of WDTCON is ‘---0 1000’ on all
RESETS. This gives a nominal time base of 16.38 ms,
which is compatible with the time base generated with
previous PIC16 microcontroller versions.
A new prescaler has been added to the path between
the internal RC and the multiplexors used to select the
path for the WDT. This prescaler is 16 bits and can be
programmed to divide the internal RC by 128 to 65536,
giving the time base used for the WDT a nominal range
of 1 ms to 2.097s.
15.12.2
WDT CONTROL
The WDTEN bit is located in Configuration Word 1 and
when this bit is set, the WDT runs continuously.
The SWDTEN bit is in the WDTCON register. When the
WDTEN bit in the Configuration Word 1 register is set,
the SWDTEN bit has no effect. If WDTEN is clear, then
the SWDTEN bit can be used to enable and disable the
WDT. Setting the bit will enable it and clearing the bit
will disable it.
The PSA and PS<2:0> bits (OPTION_REG) have the
same function as in previous versions of the PIC16
family of microcontrollers.
FIGURE 15-8:
WATCHDOG TIMER BLOCK DIAGRAM
Note:
When the OST is invoked, the WDT is held
in RESET, because the WDT ripple
counter is used by the OST to perform the
oscillator delay count. When the OST
count has expired, the WDT will begin
counting (if enabled).
31.25 kHz
PSA
16-bit Programmable Prescaler WDT
From TMR0 Clock Source
Postscaler
8
PS<2:0>
PSA
WDT Time-out
TO TMR0
WDTPS<3:0>
WDTEN from Configuration Word
1
1
0
0
SWDTEN from WDTCON
INTRC Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com