Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 140Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 141Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 142Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 143Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 144Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 145Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 146Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 147Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 214 page
background image
PIC16F87/88
DS30487B-page 142
Preliminary
 2003 Microchip Technology Inc.
REGISTER 15-3:
WDTCON REGISTER (ADDRESS 105h)
TABLE 15-6:
SUMMARY OF WATCHDOG TIMER REGISTERS
TABLE 15-5:
PRESCALER/POSTSCALER BIT STATUS
Conditions
Prescaler
Postscaler (PSA = 1)
WDTEN = 0
Cleared
Cleared
CLRWDT
command
Oscillator fail detected
Exit SLEEP + System Clock = T1OSC, EXTRC, INTRC, EXTCLK
Exit SLEEP + System Clock = XT, HS, LP
Cleared at end of OST
Cleared at end of OST
U-0
U-0
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
—
—
—
WDTPS3
WDTPS2 WDTPS1 WDTPS0 SWDTEN(1)
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4-1
WDTPS<3:0>: Watchdog Timer Period Select bits
Bit
Prescale
Value
Rate
0000
= 1:32
0001
= 1:64
0010
= 1:128
0011
= 1:256
0100
= 1:512
0101
= 1:1024
0110
= 1:2048
0111
= 1:4096
1000
= 1:8192
1001
= 1:16394
1010
= 1:32768
1011
= 1:65536
bit 0
SWDTEN: Software Enable/Disable for Watchdog Timer bit(1)
1
= WDT is turned on
0
= WDT is turned off
Note 1: If WDTEN configuration bit = 1, then WDT is always enabled, irrespective of this con-
trol bit. If WDTEN configuration bit = 0, then it is possible to turn WDT on/off with this
control bit.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
81h,181h OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
2007h
Configuration bits
LVP
BOREN
MVCLRE
FOSC2
PWRTEN
WDTEN
FOSC1
FOSC0
105h
WDTCON
—
—
—
WDTPS3 WDTPS2
WSTPS1 WDTPS0 SWDTEN
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1:
See Register 15-1 for operation of these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com