Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS60A150CHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS60A150CHR
Description  Rad-Hard 2 x 30 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60A150CHR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS60A150CHR Datasheet HTML 1Page - STMicroelectronics STPS60A150CHR Datasheet HTML 2Page - STMicroelectronics STPS60A150CHR Datasheet HTML 3Page - STMicroelectronics STPS60A150CHR Datasheet HTML 4Page - STMicroelectronics STPS60A150CHR Datasheet HTML 5Page - STMicroelectronics STPS60A150CHR Datasheet HTML 6Page - STMicroelectronics STPS60A150CHR Datasheet HTML 7Page - STMicroelectronics STPS60A150CHR Datasheet HTML 8Page - STMicroelectronics STPS60A150CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMD.5
The upper metallic lid is not internally connected to any pin, nor to the IC die inside the package
STPS60A150S1
31735A
FR
Pin3 : K
Pin2 : A2
Pin1 : A1
The upper metallic lid is not internally connected to any pin,
nor to the IC die inside the package
Features
•
Forward current: 2 x 30 A
•
Repetitive peak reverse voltage: 150 V
•
Low forward voltage drop
•
dV/dt up to 10 kV/µs
•
Monolithic dual die - common cathode
•
Hermetic package
•
TID and SEE characterized
•
Package mass: 0.92 g
•
ESCC qualified : 5106/023
Description
The STPS60A150CHR is package and screened to comply with the ESCC5000
specification for aerospace products. It is a dual monolithic Schottky rectifier
assembled in an SMD.5 hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device is available from the European
Space Agency web site. ST guarantees full compliance of qualified parts with the
ESCC detailed specification.
Product status link
STPS60A150CHR
Product summary
IF(AV)
2 x 30 A
VRRM
150 V
Tj(max)
175 °C
VF(max) at 2 x 30
A / 125 °C
0.83 V
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
STPS60A150CHR
Datasheet
DS12256 - Rev 6 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS60A150CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150C STMICROELECTRONICS-STPS60150C_V01 Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
More results

Similar Description - STPS60A150CHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 30 A
13-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
Schottky Rectifier, 2 x 30 A
02-Jul-12
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com