Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS60A150CHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS60A150CHR
Description  Rad-Hard 2 x 30 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60A150CHR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS60A150CHR Datasheet HTML 1Page - STMicroelectronics STPS60A150CHR Datasheet HTML 2Page - STMicroelectronics STPS60A150CHR Datasheet HTML 3Page - STMicroelectronics STPS60A150CHR Datasheet HTML 4Page - STMicroelectronics STPS60A150CHR Datasheet HTML 5Page - STMicroelectronics STPS60A150CHR Datasheet HTML 6Page - STMicroelectronics STPS60A150CHR Datasheet HTML 7Page - STMicroelectronics STPS60A150CHR Datasheet HTML 8Page - STMicroelectronics STPS60A150CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.2
Thermal parameters
Table 2. Thermal parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c)
Thermal resistance, junction to case(1)
Per diode
-
3.4
°C/W
Per package
-
2.2
1. When only 1 diode is used, the dissipation is made from a part of the die, hence to a higher thermal resistance.
STPS60A150CHR
Thermal parameters
DS12256 - Rev 6
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com