Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCH5627P Datasheet(PDF) 22 Page - Microchip Technology

Part # SCH5627P
Description  Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCH5627P Datasheet(HTML) 22 Page - Microchip Technology

Back Button SCH5627P Datasheet HTML 18Page - Microchip Technology SCH5627P Datasheet HTML 19Page - Microchip Technology SCH5627P Datasheet HTML 20Page - Microchip Technology SCH5627P Datasheet HTML 21Page - Microchip Technology SCH5627P Datasheet HTML 22Page - Microchip Technology SCH5627P Datasheet HTML 23Page - Microchip Technology SCH5627P Datasheet HTML 24Page - Microchip Technology SCH5627P Datasheet HTML 25Page - Microchip Technology SCH5627P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
SCH5627P
DS00001996A-page 22
 2009 - 2015 Microchip Technology Inc.
Note 3-1
Names in parentheses are software functions.
Note 3-2
Output Buffers are 5V tolerant in open drain mode only.
Note 3-3
When PWRGD_PS is 0 the buffers are tri-stated.
Note 3-4
If a pin is used as a push pull output, it is not 5V tolerant and should not be pulled up to 5V.
Note 3-5
External pullups must be placed on the KBDRST# and A20M pins. These pins are GPIOs that are
inputs after an initial power-up (VTR POR). If the KBDRST# and A20M functions are to be used, the
system must ensure that these pins are high.
Note 3-6
HVTR must be connected to the suspend power well (VTR).
Note 3-7
Refer to Parallel Port description for use of this pin in ECP and EPP mode.
PECI
PECI_IO
PECI Data IO
GATE
Note 3-18
LVSMBCLK1
LVIOD4
Low voltage SMBus clock.
NO GATE
GP072
LVIOD4
GPIO
All functions on this pin are at the
PECI voltage.
NO GATE
PECI_READY
PECI_I
PECI Ready to read
GATE
Note 3-16
Note 3-18
LVSMBDAT1
LVIOD4
Low voltage SMBus data.
NO GATE
GP073
LVIO4
GPIO
All functions on this pin are at the
PECI voltage.
NO GATE
GP005
IO4
GPIO
NO GATE
Note 3-2
Note 3-4
PECI_REQUEST#
OD4
PECI Request. This pin is open-drain
and should be pulled up to VCC.
GATE
POWER AND GROUND (18)
VCC
pwr
VCC power indication
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VTR
pwr
3.3V Supply Voltage
-
-
VBAT
pwr
Battery Input Voltage
-
-
HVTR
pwr
Hardware Monitor 3.3V Supply
Voltage
-
Note 3-6
VSS
gnd
Digital Ground
-
-
VSS
gnd
Digital Ground
-
-
VSS
gnd
Digital Ground
-
-
VSS
gnd
Digital Ground
-
-
VSS
gnd
Digital Ground
-
-
VSS
gnd
Digital Ground
-
-
AVSS
agnd
Analog Ground
-
-
HVSS
gnd
Hardware Monitor Ground
-
-
CAP1
regulator
Regulator filter 4.7
μF ±20%
Capacitor to ground (ESR
≤ 2 ohms)
-
-
TABLE 3-1:
SIGNAL DESCRIPTIONS (CONTINUED)
Name
Note 3-1
Buffer Type
per
Function
Description
Signal Affected by
VCC=0
Note 3-8
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com