Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHFLVDSR2D2K1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFLVDSR2D2K1
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2K1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFLVDSR2D2K1 Datasheet HTML 2Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 3Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 4Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 5Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 6Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 7Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 9Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
RHFLVDSR2D2
6/17
DocID025372 Rev 3
4
Electrical characteristics
In Table 7 below, VCC = 3 V to 3.6 V, capa-load (CL) = 10 pF, typical values are at 
Tamb = +25 °C, min. and max values are at Tamb = - 55 °C and + 125 °C unless otherwise
specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Whole circuit
ICC
Total enabled supply current,
drivers and receivers enabled,
not switching
Driver: VIN = 0 V or VCC and
load = 100 W.
receiver: VID = 400 mV
15
19
mA
ICCZ
Total disabled supply current,
loaded or not loaded, drivers
and receivers disabled
REN and DEN = GND
Driver: VIN = 0 V or VCC
Receiver: VID = 400 mV
4
VIH
Input voltage high
REN, DEN, and TTL inputs
2VCC
V
VIL
Input voltage low
GND
0.8
IIH
High level input current
REN, DEN, and TTL inputs
VCC = 3.6 V, VIN = VCC
-10
10
µA
IIL
Low level input current
REN, DEN and TTL inputs
VCC = 3.6 V, VIN = 0
-10
10
IOFF (1)
LVDS outputs power off
leakage current
VCC = 0 V, VOUT = 3.6 V
-50
+50
LVDS inputs power off leakage
current
VCC = 0 V, VIN = -4 V to 5 V
-60
60
TTL I/Os power off leakage
current
VCC = 0 V
VIN, REN, and DEN = 3.6 V
VOUT = 3.6 V
-10
10
Driver
VOH
Output voltage high
RL = 100 Ω
1.65
V
VOL
Output voltage low
0.925
VOD
Differential output voltage
250
400
mV
DVOD
Change of magnitude of VOD1
for complementary output
states
10
VOS
Offset voltage
1.125
1.45
V
DVOS
Change of magnitude of VOS for
complementary output states
15
mV
IOS
Output short-circuit current
VIN= 0V and VOUT- = 0 V 
or VIN = VCC and VOUT+ = 0 V
-9
mA
IOZ
High impedance output current Disabled, VOUT = 3.6 V or GND
-10
10
µA
CIN
Input capacitance
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com