Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHFLVDSR2D2K1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFLVDSR2D2K1
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2K1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFLVDSR2D2K1 Datasheet HTML 4Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 5Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 6Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 7Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 9Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 10Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 11Page - STMicroelectronics RHFLVDSR2D2K1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
RHFLVDSR2D2
8/17
DocID025372 Rev 3
Cold sparing
The RHFLVDSR2D2 features a cold spare input and output buffer. In high reliability
applications, cold sparing enables a redundant device to be tied to the data bus with its
power supply at 0 V (VCC = GND) without affecting the bus signals or injecting current from
the I/Os to the power supplies. Cold sparing also allows redundant devices to be kept
powered off so that they can be switched on only when required. This has no impact on the
application. Cold sparing is achieved by implementing a high impedance between the I/Os
and VCC. ESD protection is ensured through a non-conventional dedicated structure.
Fail-safe
In many applications, inputs need a fail-safe function to avoid an uncertain output state
when the inputs are not connected properly. For the drivers: in case of an LVDS input short
circuit or floating inputs, the TTL outputs remain in stable logic-high state.
tPHLD
Propagation delay time, high to
low output
VID = 200 mVp-p, input pulse
from 1.1 V to 1.3 V, VCM = 1.2 V
Load: refer to Figure 6
12.5
ns
tPLHD
Propagation delay time, low to
high output
12.5
tSK1
Channel-to-channel skew(2)
VID = 200 mVp-p
Load: refer to Figure 3
0.25
ns
tSK2
Chip-to-chip skew(3)(4)
0.7
tSKD
Differential skew(5)
(tPHLD-tPLHD)
0.3
t r
Output signal rise time
Load: refer to Figure 3
0.9
t f
Output signal fall time
0.9
tPLZ
Propagation delay time, low
level to high impedance output
Load: refer to Figure 4
3.8
tPHZ
Propagation delay time, high
level to high impedance output
3.8
tPZH
Propagation delay time, high
impedance to high level output
3.8
tPZL
Propagation delay time, high
impedance to low level output
3.8
tD1
Fail-safe to active time
1
µs
tD2
Active to fail-safe time
1
1. All pins except pin under test and VCC are floating
2. tSK1 is the maximum delay time difference between all outputs of the same device (measured with all inputs connected
together).
3. tSK2 is the maximum delay time difference between outputs of all devices when they operate with the same supply voltage,
at the same temperature.
4. Guaranteed by design
5. tSKD is the maximum delay time difference between tPHLD and tPLHD, see Figure 3.
6. Guaranteed by characterization on bench.
Table 7. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com