Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPMICL1AD2V Datasheet(PDF) 19 Page - STMicroelectronics

Part # RHRPMICL1AD2V
Description  Rad-hard integrated current limiter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPMICL1AD2V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RHRPMICL1AD2V Datasheet HTML 15Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 16Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 17Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 18Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 19Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 20Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 21Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 22Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
8
Application guidelines
When a floating ground configuration is being operated, it is recommended to protect the application from single
point failures of the resistor RFGND connected between GND and BUS GROUND and the telemetry resistors
(RSTS and RTM). In fact, in case of failure of these resistors, damage may occur to the device itself and to the
other devices connected to the same bus.
The figure below shows a typical implementation of the protection described above.
Figure 9. Recommended typical application schematic with single failure protection
SUPPLY BUS
RSENSE
R1
R0
RHys
RG
RSTS
RTM
RFGND_1
CG
RF
CF
To Load
DFW
UVLO
HYS
T_ON
T_OFF
SET_STATUS
TC_OFF
VCC
ISNS+
TMS+
VOUT/VG
TM
STS
GND
TC_ON
ISNS
-
TMS
-
FCL_CFG
VD
ON
OFF
TELECOMMAND
INTERFACE
I_REF
COMP
RIREF
Telecommand
Interface
CORE
LOGIC
UVLO
Power supply section
(Pre-regulator,
reference, bias)
STATUS
Telemetry
Telemetry
VCC
TRIP_OFF
Circuitry
DRIVER
VCC
RFGND_2
BUS GROUND
8.1
Guidelines for operation at high voltage
Even if the device has been tested and characterized in radiation up to VCC = 52 V, from the electrical point of
view, it is able to withstand up to ~ 90 V between BUS_SUPPLY and BUS GROUND.
Nevertheless, it is possible, by adding some external components, to work with a bus supply higher than 90 V, as
described in the following figure.
Under radiation the following application guidelines are recommended for bus supply higher than 52 V.
RHRPMICL1A
Application guidelines
DS12602 - Rev 3
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com